Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN3446 Datasheet(PDF) 3 Page - Stanson Technology

Part # STN3446
Description  N Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN3446 Datasheet(HTML) 3 Page - Stanson Technology

  STN3446 Datasheet HTML 1Page - Stanson Technology STN3446 Datasheet HTML 2Page - Stanson Technology STN3446 Datasheet HTML 3Page - Stanson Technology STN3446 Datasheet HTML 4Page - Stanson Technology STN3446 Datasheet HTML 5Page - Stanson Technology STN3446 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST
ST
ST
STN3446
N3446
N3446
N3446
N Channel Enhancement Mode MOSFET
5.3A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STN3446 2010. V1
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Condition
Condition
Condition
Condition
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Static
Static
Static
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
0.4
1.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=20V,VGS=0V
1
uA
VDS=20V,VGS=0V
TJ=55℃
5
On-State Drain Current
ID(on)
VDS≦5V,VGS=4.5V
6
A
Drain-source On-Resistance
RDS(on)
VGS=4.5V,ID=5.3A
0.030
0.040
Ω
VGS=2.5V,ID=3.4A
0.040
0.050
VGS=1.8V,ID=2.8A
0.075
0.090
Forward Transconductance
gfs
VDS=5V,ID=3.6A
12
S
Diode Forward Voltage
VSD
IS=1.6A,VGS=0V
0.8
1.2
V
Dynamic
Dynamic
Dynamic
Dynamic
Total Gate Charge
Qg
4.8
8
nC
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
1.0
Input Capacitance
Ciss
VDS=6V,VGS=0,
f=1MHz
485
pF
Output Capacitance
Coss
85
Reverse Transfer
Capacitance
Crss
40
Turn-On Time
Td(on)
VDD=6V,RL=6Ω,
ID=1.0A,VGEN=10V
RG=6Ω
8
14
ns
tr
10
18
Turn-Off Time
Td(off)
30
35
tf
12
16
VDS=6V,VGS=4.5V,
ID=2.8A


Similar Part No. - STN3446

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN3446 STANSON-STN3446 Datasheet
329Kb / 6P
   N Channel Enhancement Mode MOSFET
More results

Similar Description - STN3446

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com