Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAL03Z271K Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # LAL03Z271K
Description  AXIAL LEADED INDUCTORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LAL03Z271K Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button LAL03Z271K Datasheet HTML 7Page - List of Unclassifed Manufacturers LAL03Z271K Datasheet HTML 8Page - List of Unclassifed Manufacturers LAL03Z271K Datasheet HTML 9Page - List of Unclassifed Manufacturers LAL03Z271K Datasheet HTML 10Page - List of Unclassifed Manufacturers LAL03Z271K Datasheet HTML 11Page - List of Unclassifed Manufacturers LAL03Z271K Datasheet HTML 12Page - List of Unclassifed Manufacturers LAL03Z271K Datasheet HTML 13Page - List of Unclassifed Manufacturers LAL03Z271K Datasheet HTML 14Page - List of Unclassifed Manufacturers LAL03Z271K Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
304
寸 法
最小挿入
Type
Dimensions
ピッチ
B
DL
a
b
|L
1-L2|
B
d
26J0.5
LAP02
2.3max 3.4max
K
0
0.8max 0.5max 0.45M0.05
5.0
f
0.091maxgf0.134maxg
f
1.02
  g
f
0.031maxgf0.020maxg f0.018M0.002g
f
0.197g
26J0.5
LAN02
2.4max 3.6max
K
0
0.8max 0.5max 0.45M0.05
5.0
f
0.094maxgf0.142maxgf1.02
  gf0.031maxgf0.020maxg f0.018M0.002g
f
0.197g
2.6J0.1
26J1
LAL03
K
0.2 7.0max
K
0.5
0.8max 1.0max 40.5M0.05
10.0
f
0.102
   g
f
0.276maxg
f
1.02
   g
f
0.031maxgf0.039maxg f0.020M0.002g
f
0.394g
梱包 PACKAGING
Unit
Dmmfinchg
TA fa
D26mm lead spaceg
形状
(1.02 inch)
TB fa
D52mm lead spaceg
形状
(2.05 inches)
Unit
Dmmfinchg
寸 法
最小挿入
Type
Dimensions
ピッチ
B
DL
a
b
|L
1-L2|
B
d
52J2
LAL02
2.3max 13.4max
K
1
1.2max 1.0max
0.5M0.05
15.0
f
0.091maxgf0.134maxg
f
2.05
  g
f
0.047maxgf0.039maxg f0.020M0.002g
f
0.197g
2.6
J
0.1
52J2
LAL03
K
0.2 17.0max
K
1
1.2max 1.0max
0.5M0.05
10.0
f
0.102
  g
f
0.276maxg
f
2.05
  g
f
0.047maxgf0.039maxg f0.020M0.002g
f
0.394g
52J2
LAL04
4.0max 19.8max
K
1
1.2max 1.0max 0.65M0.05
12.5
f
0.157maxgf0.386g
f
2.05
  g
f
0.047maxgf0.039maxg f0.026M0.002g
f
0.492g
52J2
LAL05
5.5max 14.0max
K
1
1.2max 1.0max 0.65M0.05
17.5
f
0.217maxgf0.551g
f
2.05
  g
f
0.047maxgf0.039maxg f0.026M0.002g
f
0.689g
Minimum
insertion
pitch
Minimum
insertion
pitch
J
0.020
K
0
J
0.020
K
0
J
0.039
K
0.020
J
0.004
K
0.008
J
0.079
K
0.039
J
0.004
K
0.008
J
0.079
K
0.039
J
0.079
K
0.039
J
0.079
K
0.039


Similar Part No. - LAL03Z271K

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAL0389-50 LINKCOM-LAL0389-50 Datasheet
86Kb / 1P
   Broadband Access Transformer
LAL0390-50 LINKCOM-LAL0390-50 Datasheet
86Kb / 1P
   Broadband Access Transformer
LAL0391-50 LINKCOM-LAL0391-50 Datasheet
86Kb / 1P
   Broadband Access Transformer
LAL0392-51 LINKCOM-LAL0392-51 Datasheet
87Kb / 1P
   Broadband Access Transformer
LAL0393-51 LINKCOM-LAL0393-51 Datasheet
86Kb / 1P
   Broadband Access Transformer
More results

Similar Description - LAL03Z271K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB1R2K TAIYO-YUDEN-CAL45VB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R2K TAIYO-YUDEN-CAL45VB2R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R7K TAIYO-YUDEN-CAL45VB2R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB4R7K TAIYO-YUDEN-CAL45VB4R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB8R2K TAIYO-YUDEN-CAL45VB8R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB150K TAIYO-YUDEN-CAL45VB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com