Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GU1084-1.5 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GU1084-1.5
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GU1084-1.5 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GU1084-1.5 Datasheet HTML 1Page - E-Tech Electronics LTD GU1084-1.5 Datasheet HTML 2Page - E-Tech Electronics LTD GU1084-1.5 Datasheet HTML 3Page - E-Tech Electronics LTD GU1084-1.5 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GU1084
Page: 1/4
ISSUED DATE :2003/06/14
REVISED DATE :2006/03/29E
G
G U
U 11008844
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Description
The GU1084 is a low dropout positive adjustable or fixed mode regulator with minimum of 5.0A output current
capability .The product is specifically designed to provide well regulated supply for low voltage IC applications
such as high speed bus termination and low current 3.3v logic supply. GU1084 is also well suited for other
applications such as VGA cards. GU1084 is guaranteed to have lower than 1.5V dropout at full load current
making it ideal to provide well regulated outputs of 1.25 to 3.3V with 4.7 to 12V input supply.
Features
&1.5V maximum dropout at full load current
&Built-in thermal shutdown
&Output current limiting
&Adjustable output voltage or fixed 1.5V,1.8V,2.5V,3.3V,5.0V
&Fast transient response
&Good noise rejection
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c2
1.25
1.45
b
0.76
1.00
b2
1.17
1.47
L4
0.00
0.30 B D
8.6
9.0
c
0.36
0.5
e
2.54 REF.
L3
1.50 REF.
L
14.6
15.8
L1
2.29
2.79
E
9.80
10.4
L2
1.27 REF.
Typical Circuit
Block Diagram
Pin Descriptions
Name
I/O
PIN#
FUNCTION
Adj (GND)
1
Adjustable (Ground only for fixed mode)
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor must be connected from this pin to
ground to insure stability.
Vin
I
3
The input pin of regulator .Typically a large storage capacitor is connected from this pin to ground
to insure that the input voltage does not sag below the minimum dropout voltage during the load
transient response .This pin must always be 1.5V higher than Vout in order for the device to
regulate properly.


Similar Part No. - GU1084-1.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GU1084-1.5 ETC2-GU1084-1.5 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - GU1084-1.5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084 Datasheet
166Kb / 10P
   5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com