Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2800 Datasheet(PDF) 5 Page - E-Tech Electronics LTD

Part # L2800
Description  SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

L2800 Datasheet(HTML) 5 Page - E-Tech Electronics LTD

  L2800 Datasheet HTML 1Page - E-Tech Electronics LTD L2800 Datasheet HTML 2Page - E-Tech Electronics LTD L2800 Datasheet HTML 3Page - E-Tech Electronics LTD L2800 Datasheet HTML 4Page - E-Tech Electronics LTD L2800 Datasheet HTML 5Page - E-Tech Electronics LTD L2800 Datasheet HTML 6Page - E-Tech Electronics LTD L2800 Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L2800
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R103-030.C
DIAGRAM
HOW TO SET THE TIME CONSTANT FOR SHORT CIRCUIT DETECTION AND SOFT
START
1. SHORT CIRCUIT PROTECTION
Te error amplifier output (FB pin) is fixed at VOM
+ and capacitor CPE starts charging i the switching regulator
output suddenly drops due to load effect. The output pin is set low and the SCP pin stays low when the voltage at
the SCP pin reaches approximately 0.8V.
As the protection circuit operates, by resetting the power supply the circuit will be restored.
•Short circuit detection time
tPE
[S] 0.8×CPE[μF]
2. SOFT START
Once power on, the capacitor CPE which is connected to the SCP pin starts charging.The soft start setting
voltage is compared by the PWM comparator as the voltage’s proportion at the SCP pin with the sawtooth
waveform. The comparison controls the OUT pin’s ON duty,which is causing the soft start operation. During the
time for completion of soft start operation, the SCP pin’s voltage stays low, but the soft start setting voltage stays
high, and the circuit then enters the output short circuit detection wait state.
Soft start time (until the output ON duty reaches approximately 50%)
ts[S] 0.35×CPE[μF]


Similar Part No. - L2800

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L2800 UTC-L2800 Datasheet
136Kb / 9P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800 UTC-L2800 Datasheet
252Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800G-P08-R UTC-L2800G-P08-R Datasheet
252Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800G-P08-R UTC-L2800G-P08-R Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800G-P08-R UTC-L2800G-P08-R Datasheet
269Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - L2800

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
logo
List of Unclassifed Man...
PJ3800 ETC1-PJ3800 Datasheet
333Kb / 8P
   Low Voltage Switching Regulator Controller
logo
Unisonic Technologies
L2800 UTC-L2800_11 Datasheet
252Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800_06 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
Unisonic Technologies
L2800 UTC-L2800_13 Datasheet
269Kb / 7P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
L2800 UTC-L2800 Datasheet
136Kb / 9P
   SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE)
logo
List of Unclassifed Man...
B3800M ETC1-B3800M Datasheet
410Kb / 10P
   Switching Regulator Controller Step Up Low Voltage (BIPOLAR)
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com