Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33481-0323 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 33481-0323
Description  MX150 Sealed Male Connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

33481-0323 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  33481-0323 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
33481-0323
Status:
Active
Overview:
MX150™ Sealed and Unsealed Connector System
Description:
MX150™ Sealed Male Connector, Single Row, 3 Circuits, Polarization D, without
Connector Position Assurance, Stone Gray
Documents:
Drawing (PDF)
Application Specification AS-33472-100 (PDF)
Product Specification PS-34646-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
33481
Application
Power, Wire-to-Wire
Comments
No Connector Position Assurance (CPA)
More Detailed Tech Information
http://ewcap.uscarteams.org
Overview
MX150™ Sealed and Unsealed Connector System
Product Name
MX150™
UPC
756054803615
Physical
Circuits (maximum)
3
Circuits Detail
3
Color - Resin
Natural, Stone Gray
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene Alloy
Net Weight
7.520/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
22A
Material Info
Old Part Number
CVP33481-0323
Reference - Drawing Numbers
Application Specification
AS-33472-100
Product Specification
PS-34646-001
Sales Drawing
SD-33481-031
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
33481Series
Mates With
33471 Female Single Row Sealed
Connector
Use With
33000 MX150™ Male Terminal, 34345-0001
MX150™ Cavity Plug Sealed
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 33481-0323

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
33481-0323 MOLEX5-33481-0323 Datasheet
391Kb / 5P
   MX150 1X3 BLADE SEALED ASSEMBLY MAT SEAL
33481-0323 MOLEX-33481-0323 Datasheet
2Mb / 14P
   MX150 BLADE SINGLE ROW SEALED ASSY MAT SEAL
2018/10/04
More results

Similar Description - 33481-0323

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34840-8010 MOLEX11-34840-8010 Datasheet
44Kb / 1P
   MX150 Sealed Male Connector
33481-0402 MOLEX11-33481-0402 Datasheet
59Kb / 1P
   MX150 Sealed Male Connector
33481-0602 MOLEX11-33481-0602 Datasheet
59Kb / 1P
   MX150 Sealed Male Connector
33482-0401 MOLEX11-33482-0401 Datasheet
59Kb / 1P
   MX150 Sealed Male Connector
33482-0601 MOLEX11-33482-0601 Datasheet
60Kb / 1P
   MX150 Sealed Male Connector
33482-0802 MOLEX11-33482-0802 Datasheet
59Kb / 1P
   MX150 Sealed Male Connector
33482-1601 MOLEX11-33482-1601 Datasheet
59Kb / 1P
   MX150 Sealed Male Connector
33482-1602 MOLEX11-33482-1602 Datasheet
59Kb / 1P
   MX150 Sealed Male Connector
34840-6010 MOLEX11-34840-6010 Datasheet
44Kb / 1P
   MX150 Sealed Male Connector
33482-1202 MOLEX11-33482-1202 Datasheet
59Kb / 1P
   MX150 Sealed Male Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com