Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IT132 Datasheet(PDF) 1 Page - Micross Components

Part # IT132
Description  Linear Systems replaces discontinued Intersil IT132
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

IT132 Datasheet(HTML) 1 Page - Micross Components

  IT132 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
Direct Replacement for INTERSIL IT132 
HIGH  hFE @ LOW CURRENT ≥ 80 @ 10µA 
OUTPUT CAPACITANCE ≤ 2.0pF 
VBE tracking
≤ 20µV°C 
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation (One side) 
250mW 
Continuous Power Dissipation (Both sides) 
500mW 
Linear Derating factor (One side) 
2.3mW/°C 
Linear Derating factor (Both sides) 
4.3mW/°C 
Maximum Currents 
Collector Current 
10mA 
  
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNITS 
CONDITIONS 
|VBE1 – VBE2 
Base Emitter Voltage Differential 
‐‐ 
‐‐ 
mV 
I= 10µA, VCE = 5V 
∆|(VBE1 – VBE2)| / ∆T 
 
Base Emitter Voltage Differential 
Change with Temperature 
‐‐ 
‐‐ 
20 
µV/°C 
IC = 10µA, VCE = 5V 
TA = ‐55°C to +125°C 
|IB1 – IB2 | 
Base Current Differential 
‐‐ 
‐‐ 
25 
nA 
IC = 10µA, VCE = 5V 
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVCBO 
Collector to Base Voltage 
45 
‐‐ 
‐‐ 
IC = 10µA, IE = 0 
BVCEO 
Collector to Emitter Voltage 
45 
‐‐ 
‐‐ 
I= 10µA, I= 0 
BVEBO 
Emitter‐Base Breakdown Voltage 
6.2 
‐‐ 
‐‐ 
I= 10µA, I= 0
2 
BVCCO 
Collector to Collector Voltage 
60 
‐‐ 
‐‐ 
I= 10µA, I= 0 
hFE 
DC Current Gain 
80 
‐‐ 
‐‐ 
 
I= 10µA, VCE = 5V 
100 
‐‐ 
‐‐ 
 
I= 1.0mA, VCE = 5V 
VCE(SAT) 
Collector Saturation Voltage 
‐‐ 
‐‐ 
0.5 
I= 0.5mA, I= 0.05mA 
IEBO 
Emitter Cutoff Current 
‐‐ 
‐‐ 
nA 
I= 0, VEB = 3V 
ICBO 
Collector Cutoff Current 
‐‐ 
‐‐ 
nA 
I= 0, VCB = 45V 
COBO 
Output Capacitance 
‐‐ 
‐‐ 
pF 
I= 0, VCB = 5V 
CC1C2 
Collector to Collector Capacitance 
‐‐ 
‐‐ 
pF 
VCC = 0V 
IC1C2 
Collector to Collector Leakage Current 
‐‐ 
‐‐ 
10 
nA 
VCC = ±60V 
fT 
Current Gain Bandwidth Product 
110 
‐‐ 
‐‐ 
MHz 
I= 1mA, VCE = 5V 
NF 
Narrow Band Noise Figure 
‐‐ 
‐‐ 
dB 
I= 100µA,  VCE = 5V, BW=200Hz, RG= 10KΩ, 
f = 1KHz 
Notes: 
1. Absolute Maximum ratings are limiting values above which serviceability may be impaired
2. The reverse base‐to‐emitter voltage must never exceed 6.2 volts; the reverse base‐to‐emitter current must never exceed 10µA. 
 
IT132
MONOLITHIC DUAL
PNP TRANSISTOR
IT132 Features:
High hfe at low current
Tight matching
Tight VBE tracking
Low Output Capacitance
The IT132 is a monolithic pair of PNP transistors
mounted in a single TO-78 package. The monolithic
dual chip design reduces parasitics and gives better
performance while ensuring extremely tight matching.
The IT132 is a direct replacement for discontinued
Intersil IT132.
The hermetically sealed TO-78 is well suited for hi-rel
and harsh environment applications.
(See Packaging Information).
Linear Systems replaces discontinued Intersil IT132
Available Packages:
IT132 in TO-78
IT132 available as bare die
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
TO-78 (Bottom View)


Similar Part No. - IT132

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
IT132 LINEAR-IT132 Datasheet
28Kb / 2P
   MONOLITHIC DUAL PNP TRANSISTORS
logo
Intersil Corporation
IT132 INTERSIL-IT132 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Micross Components
IT132_PDIP MICROSS-IT132_PDIP Datasheet
275Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
IT132_SOIC MICROSS-IT132_SOIC Datasheet
275Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
IT132_SOT-23 MICROSS-IT132_SOT-23 Datasheet
271Kb / 1P
   MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - IT132

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS132 MICROSS-LS132 Datasheet
276Kb / 1P
   Linear Systems replaces discontinued Intersil IT132
IT124 MICROSS-IT124 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Intersil IT124
IT122 MICROSS-IT122 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Intersil IT122
LS121 MICROSS-LS121 Datasheet
275Kb / 1P
   Linear Systems replaces discontinued Intersil IT121
LS122 MICROSS-LS122 Datasheet
275Kb / 1P
   Linear Systems replaces discontinued Intersil IT122
IT121 MICROSS-IT121 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Intersil IT121
IT130A MICROSS-IT130A Datasheet
290Kb / 1P
   Linear Systems replaces discontinued Intersil IT130A
IT131 MICROSS-IT131 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Intersil IT131
IT130 MICROSS-IT130 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Intersil IT130
LS120 MICROSS-LS120 Datasheet
275Kb / 1P
   Linear Systems replaces discontinued Intersil IT120
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com