Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP4N60P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP4N60P
Description  PolarHV Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP4N60P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP4N60P Datasheet HTML 1Page - IXYS Corporation IXTP4N60P Datasheet HTML 2Page - IXYS Corporation IXTP4N60P Datasheet HTML 3Page - IXYS Corporation IXTP4N60P Datasheet HTML 4Page - IXYS Corporation IXTP4N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA4N60P IXTP4N60P
IXTU4N60P IXTY4N60P
Fig. 11. Capacitance
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0246
8
10
12
14
Q G - nanoCoulombs
VDS = 300V
ID = 2A
IG = 10mA
Fig. 7. Input Adm ittance
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
44.5
55.5
66.577.5
VG S - Volts
TJ =125º C
25
º C
-40
º C
Fig. 8. Transconductance
0
1
2
3
4
5
6
7
8
9
10
0123
4567
I D - Amperes
TJ = -40º C
25
º C
125
º C
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0
2
4
6
8
10
12
14
0.4
0.5
0.6
0.7
0.8
0.9
1
VS D - Volts
TJ = 125º C
TJ = 25º C
Fig. 13. Maxim um Transient Therm al
Resistance
0.01
0.10
1.00
10.00
0.01
0.1
1
10
100
1000
Pulse Width - milliseconds


Similar Part No. - IXTP4N60P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP4N60P ISC-IXTP4N60P Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP4N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH16N80P IXYS-IXFH16N80P Datasheet
207Kb / 5P
   PolarHV Power MOSFET
ITXP1R6N50P IXYS-ITXP1R6N50P Datasheet
119Kb / 4P
   PolarHV Power MOSFET
IXTH36N50P IXYS-IXTH36N50P Datasheet
384Kb / 5P
   PolarHV Power MOSFET
IXTP10N60PM IXYS-IXTP10N60PM Datasheet
53Kb / 2P
   PolarHV Power MOSFET
IXTQ44N50P IXYS-IXTQ44N50P Datasheet
154Kb / 5P
   PolarHV Power MOSFET
IXTP8N50PM IXYS-IXTP8N50PM Datasheet
112Kb / 2P
   PolarHV Power MOSFET
99227 IXYS-99227 Datasheet
571Kb / 5P
   PolarHV Power MOSFET
IXTP2N60P IXYS-IXTP2N60P Datasheet
142Kb / 4P
   PolarHV Power MOSFET
IXTA3N50P IXYS-IXTA3N50P Datasheet
236Kb / 5P
   PolarHV Power MOSFET
IXTI10N60P IXYS-IXTI10N60P Datasheet
246Kb / 4P
   PolarHV Power MOSFET
IXTT26N50P IXYS-IXTT26N50P Datasheet
343Kb / 5P
   PolarHV Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com