Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPY3312X Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # VRPY3312X
Description  Bi-color 3 Round Shape Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VRPY3312X Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  VRPY3312X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VRPY3312X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VRPY3312X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VRPY3312X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VRPY3312X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VRPY3312X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VRPY3312X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VRPY3312X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VRPY3312X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electro-Optical Characteristics
Page 4
Bi-color φ3 Round Shape Type
3312X Series
Conditions
BG
PG
PY
VR
TYP.
2.1
2.1
2.1
2.0
MAX.
2.5
2.5
2.5
2.5
Reverse Current
VR=4V
IR
MAX.
100
100
100
100
μA
Peak Wavelength
IF=20mA
λp
TYP.
555
560
570
630
nm
Dominant
Wavelength
IF=20mA
λd
TYP.
558
567
572
624
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
30
30
30
30
nm
Half Intensity
Angle
IF=20mA
2θ1/2
TYP.
6768
6459
deg.
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
(Ta=25℃)
2012.11.09


Similar Part No. - VRPY3312X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VRPY4607K STANLEY-VRPY4607K Datasheet
346Kb / 21P
   Bi-color Rectangular Shape Type
VRPY5614S STANLEY-VRPY5614S Datasheet
305Kb / 18P
   Bi-color ?5 Round Shape Type
VRPY5614S STANLEY-VRPY5614S Datasheet
1Mb / 18P
   Bi-color ?5 Round Shape Type
VRPY5641K STANLEY-VRPY5641K Datasheet
1Mb / 18P
   Outer Dimension 2횞5 Rectangular shape type
VRPY5645X STANLEY-VRPY5645X Datasheet
1Mb / 18P
   Bi-color ?5 Round shape type, Milky White Surface Diffused epoxy
More results

Similar Description - VRPY3312X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
5614S STANLEY-5614S Datasheet
305Kb / 18P
   Bi-color ?5 Round Shape Type
VRBG5614S STANLEY-VRBG5614S_12 Datasheet
1Mb / 18P
   Bi-color ?5 Round Shape Type
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
   Single Color ?3 Round Shape Type
KR3308S STANLEY-KR3308S Datasheet
183Kb / 12P
   Single Color ?3 Round Shape Type
3338S STANLEY-3338S Datasheet
411Kb / 33P
   Single Color ?3 Round Shape Type
EMPG3338S STANLEY-EMPG3338S Datasheet
2Mb / 33P
   Single Color 3 Round Shape Type
KR3302X STANLEY-KR3302X Datasheet
182Kb / 12P
   Single Color ?3 Round Shape Type
AABG4607K STANLEY-AABG4607K_12 Datasheet
1Mb / 18P
   Bi-color Rectangular Shape Type
AABG4607K STANLEY-AABG4607K Datasheet
346Kb / 21P
   Bi-color Rectangular Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com