Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-36MT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-36MT
Description  Three Phase Bridge (Power Modules), 25 A to 35 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-36MT Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-36MT Datasheet HTML 1Page - Vishay Siliconix VS-36MT Datasheet HTML 2Page - Vishay Siliconix VS-36MT Datasheet HTML 3Page - Vishay Siliconix VS-36MT Datasheet HTML 4Page - Vishay Siliconix VS-36MT Datasheet HTML 5Page - Vishay Siliconix VS-36MT Datasheet HTML 6Page - Vishay Siliconix VS-36MT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-26MT.., VS-36MT.. Series
www.vishay.com
Vishay Semiconductors
Revision: 22-Jan-14
2
Document Number: 93565
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
26MT
36MT
Maximum DC output current at TC
IO
120° rect. conduction angle
25
35
A
70
60
°C
Maximum peak, one-cycle
non-repetitive forward current
IFSM
t = 10 ms
No voltage
reapplied
Initial
TJ = TJ maximum
360
475
A
t = 8.3 ms
375
500
t = 10 ms
100 % VRRM
reapplied
300
400
t = 8.3 ms
314
420
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
635
1130
A2s
t = 8.3 ms
580
1030
t = 10 ms
100 % VRRM
reapplied
450
800
t = 8.3 ms
410
730
Maximum I2
t for fusing
I2
tI2t for time t
x = I
2
t x t
x; 0.1  tx  10 ms, VRRM = 0 V
6360
11 300
A2
s
Low level of threshold voltage
VF(TO)1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ maximum
0.88
0.86
V
High level of threshold voltage
VF(TO)2
( I >
 x I
F(AV)), TJ maximum
1.13
1.03
Low level forward slope resistance
rt1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ maximum
7.9
6.3
m
High level forward slope resistance
rt2
( I >
 x I
F(AV)), TJ maximum
5.2
5.0
Maximum forward voltage drop
VFM
TJ = 25 °C, IFM = 40 Apk - per single junction
1.26
1.19
V
Maximum DC reverse current
IRRM
TJ = 25 °C, per junction at rated VRRM
100
µA
RMS isolation voltage
VINS
TJ = 25 °C, all terminal shorted; f = 50 Hz, t = 1 s
2700
V
THERMAL - MECHANICAL SPECIFICATIONS
Parameter
SYMBOL
TEST CONDITIONS
VALUES
UNITS
26MT
36MT
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation per bridge
(based on total power loss of bridge)
1.42
1.35
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.2
0.2
Approximate weight
20
g
Mounting torque ± 10 %
Bridge to heatsink with screw M4
2.0
Nm
030
Total Output Current (A)
5
101520
60
80
100
120
140
160
26MT.. Series
120° (rect.)
25
~
+
-
1
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
1000
Instantaneous Forward Voltage (V)
26MT.. Series
T
J = 25 °C
T
J = 150 °C
Per junction
100
0
0.5


Similar Part No. - VS-36MT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-36MT VISHAY-VS-36MT Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-36MT VISHAY-VS-36MT Datasheet
179Kb / 7P
   Three Phase Bridge Rectifier, 25 A, 35 A
01-Jan-2022
VS-36MT VISHAY-VS-36MT Datasheet
178Kb / 7P
   Three Phase Bridge Rectifier, 25 A, 35 A
01-Jan-2023
VS-36MT120 VISHAY-VS-36MT120 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-36MT160 VISHAY-VS-36MT160 Datasheet
208Kb / 9P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
More results

Similar Description - VS-36MT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-26MT80 VISHAY-VS-26MT80 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-36MT120 VISHAY-VS-36MT120 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
26MT VISHAY-26MT_12 Datasheet
203Kb / 8P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-36MT80 VISHAY-VS-36MT80 Datasheet
201Kb / 8P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
26MT VISHAY-26MT Datasheet
187Kb / 7P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-36MT160 VISHAY-VS-36MT160 Datasheet
208Kb / 9P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
VS-GBPC3512W VISHAY-VS-GBPC3512W Datasheet
885Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 08-Apr-14
VS-36MB10A VISHAY-VS-36MB10A Datasheet
784Kb / 8P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 10-Jul-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com