Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W31-X2M1G-40 Datasheet(PDF) 2 Page - Tyco Electronics

Part # W31-X2M1G-40
Description  Toggle or Push/Pull Actuator Thermal P B Circuit Breaker
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

W31-X2M1G-40 Datasheet(HTML) 2 Page - Tyco Electronics

  W31-X2M1G-40 Datasheet HTML 1Page - Tyco Electronics W31-X2M1G-40 Datasheet HTML 2Page - Tyco Electronics W31-X2M1G-40 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
117
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 12-08)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
W31-X2M1G-1
W31-X2M1G-2
W31-X2M1G-3
W31-X2M1G-5
W31-X2M1G-7.50
W31-X2M1G-10
W31-X2M1G-15
W31-X2M1G-20
W31-X2M1G-25
W31-X2M1G-30
W31-X2M1G-35
W31-X2M1G-40
W31-X2M1G-50
W23-X1A1G-1
W23-X1A1G-2
W23-X1A1G-3
W23-X1A1G-5
W23-X1A1G-7.50
W23-X1A1G-10
W23-X1A1G-15
W23-X1A1G-20
W23-X1A1G-25
W23-X1A1G-30
W23-X1A1G-35
W23-X1A1G-40
W23-X1A1G-50
Stock Items – Authorized distributors are more likely to stock the following items.
Ordering Information
Stock Items – Authorized distributors are more likely to stock the following items.
Typical Part No.
B
B
W
31
-X
2M1
G
-5
1. Designator:
W = Circuit breaker
2. Series Number:
31 = Single pole, toggle actuator
3. Circuit Function:
X = Series trip
4. Mounting Bushing:
1 = 15/32”-32 threaded bushing .320” (8.13mm) long, round, silver color
2 = 15/32”-32 threaded bushing .320” (8.13mm) long, double “D”
, silver color
5. Toggle:
M = Silver color metal toggle, round, with amp rate marking on end
6. Terminals (See drawing for relative terminal positions):
1 = Screw terminals situated 90° to each other with #8-32 screws and washers installed.
5 = Screw terminals situated parallel to each other pointing downward with #8-32 screws and washers installed.
7. Mounting Hardware:
A = Knurled nut/hex nut intalled
G = Two hex nuts/lockwasher installed
Z = No mounting hardware supplied
8. Amp Rating:
0.5
3
7.5
20
35
1
4
10
25
40
2
5
15
30
50
Ordering Information
Typical Part No.
B
B
W
23
-X
1A1
G
-5
1. Designator:
W = Circuit breaker
2. Series Number:
23 = Single pole, push/pull
3. Circuit Function:
X = Series trip
4. Button:
1 = Black with white amp rate marking and white trip band.
5. Mounting Bushing:
A = 3/8”-24 threaded bushing .375” (9.53mm) long, silver color
6. Terminals (See drawings for relative terminal positions):
1 = Screw terminals situated 90° to each other with #8-32 screws and washers installed.
3 = Screw terminals situtated parallel to each other pointing upward with #8-32 screws and washers installed.
7. Mounting Hardware:
A = Knurled nut/hex nut installed
G = Two hex nuts/lockwasher installed
Z = No mounting hardware supplied
8. Amp Rating:
0.5
3
7.5
20
35
1
4
10
25
40
2
5
15
30
50


Similar Part No. - W31-X2M1G-40

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W31-X2M1G-40 MACOM-W31-X2M1G-40 Datasheet
101Kb / 3P
   Toggle or Push/Pull Actuator Thermal P and B Circuit Breaker
logo
TE Connectivity Ltd
W31-X2M1G-40 TEC-W31-X2M1G-40 Datasheet
95Kb / 3P
   0.5 amp to 50 amp ratings may be used as on/off switch.
More results

Similar Description - W31-X2M1G-40

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1423678-1 MACOM-2-1423678-1 Datasheet
95Kb / 3P
   Toggle or Push/Pull Actuator Thermal P&B Circuit Breaker
2-1423678-2 MACOM-2-1423678-2 Datasheet
95Kb / 3P
   Toggle or Push/Pull Actuator Thermal P&B Circuit Breaker
2-1393247-1 MACOM-2-1393247-1 Datasheet
95Kb / 3P
   Toggle or Push/Pull Actuator Thermal P&B Circuit Breaker
2-1393247-3 MACOM-2-1393247-3 Datasheet
95Kb / 3P
   Toggle or Push/Pull Actuator Thermal P&B Circuit Breaker
2-1423678-0 MACOM-2-1423678-0 Datasheet
95Kb / 3P
   Toggle or Push/Pull Actuator Thermal P&B Circuit Breaker
3-1393247-3 MACOM-3-1393247-3 Datasheet
101Kb / 3P
   Toggle or Push/Pull Actuator Thermal P and B Circuit Breaker
2-1393249-1 MACOM-2-1393249-1 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-2 MACOM-2-1393249-2 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
W54 MACOM-W54 Datasheet
220Kb / 3P
   Push To Reset Only P&B Thermal Circuit Breaker
2-1393249-4 MACOM-2-1393249-4 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com