Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V82ZA20P Datasheet(PDF) 1 Page - Littelfuse

Part # V82ZA20P
Description  Radial Lead Varistors ZA Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V82ZA20P Datasheet(HTML) 1 Page - Littelfuse

  V82ZA20P Datasheet HTML 1Page - Littelfuse V82ZA20P Datasheet HTML 2Page - Littelfuse V82ZA20P Datasheet HTML 3Page - Littelfuse V82ZA20P Datasheet HTML 4Page - Littelfuse V82ZA20P Datasheet HTML 5Page - Littelfuse V82ZA20P Datasheet HTML 6Page - Littelfuse V82ZA20P Datasheet HTML 7Page - Littelfuse V82ZA20P Datasheet HTML 8Page - Littelfuse V82ZA20P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/11/14
Varistor Products
Radial Lead Varistors > ZA Series
Description
The ZA Series of transient voltage surge suppressors
are radial leaded varistors (MOVs) designed for
use in the protection of low and medium-voltage
circuits and systems. Typical applications include
motor control, telecom, automotive systems,
solenoid, and power supply circuits to protect circuit
board components and maintain data integrity.
These devices are available in five model sizes:
5mm, 7mm, 10mm, 14mm and 20mm, and feature
a wide V
DC voltage range of 5.5V to 615V.
See ZA Series Device Ratings and Specifications
Table for part number and brand information.
Features
• Lead–free, Halogen-
Free and RoHS
compliant
• Wide operating voltage
range V
M(AC)RMS
4V to 460V
• DC voltage ratings
5.5V to 615V
• No derating up to
85ºC ambient
• 5 model sizes
available: 5, 7, 10,
14, and 20mm
• Radial lead package for
hard-wired or printed
circuit board designs
• Available in tape and
reel or bulk pack
• Standard lead
form options
Agency Approvals
Absolute Maximum Ratings
• For ratings of individual members of a series, see Device Ratings and Specifications chart
Agency
Agency File Number
E135010,
(+ E320116 except parts V8ZAxxP and V12ZAxxP)
116895
42201-006
Continuous
ZA Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
4 to 460
V
DC Voltage Range (V
M(DC))
5.5 to 615
V
Transients:
Peak Pulse Current (I
TM)
For 8/20µs Current Wave (See Figure 2)
50 to 6500
A
Single Pulse Energy Range (Note 1)
For 10/1000µs Current Wave (W
TM)
0.1 to 52
J
Operating Ambient Temperature Range (T
A)
-55 to +85
ºC
Storage Temperature Range (T
STG)
-55 to +125
ºC
Temperature Coefficient (aV) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/ºC
Hi-Pot Encapsulation (COATING Isolation Voltage Capability)
(Dielectric must withstand indicated DC voltage for one minute per MIL–STD–202, Method 301)
2500
V
COATING Insulation Resistance
1000
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is
not implied.
ZA Varistor Series
RoHS
Additional Information
Datasheet
Samples
Resources


Similar Part No. - V82ZA20P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V82ZA20P LITTELFUSE-V82ZA20P Datasheet
825Kb / 13P
   Radial Lead Varistors
V82ZA20P LITTELFUSE-V82ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
V82ZA20P LITTELFUSE-V82ZA20P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V82ZA20P LITTELFUSE-V82ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
V82ZA20P LITTELFUSE-V82ZA20P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS
More results

Similar Description - V82ZA20P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com