Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V100ZA4P Datasheet(PDF) 11 Page - Littelfuse

Part # V100ZA4P
Description  Radial Lead Varistors ZA Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V100ZA4P Datasheet(HTML) 11 Page - Littelfuse

Back Button V100ZA4P Datasheet HTML 6Page - Littelfuse V100ZA4P Datasheet HTML 7Page - Littelfuse V100ZA4P Datasheet HTML 8Page - Littelfuse V100ZA4P Datasheet HTML 9Page - Littelfuse V100ZA4P Datasheet HTML 10Page - Littelfuse V100ZA4P Datasheet HTML 11Page - Littelfuse V100ZA4P Datasheet HTML 12Page - Littelfuse V100ZA4P Datasheet HTML 13Page - Littelfuse V100ZA4P Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/11/14
Varistor Products
Radial Lead Varistors > ZA Series
Product Dimensions (mm)
Dimen-
sion
V
RMS
Voltage
Model
5mm Size
7mm Size
10mm Size
14mm Size
20mm Size
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
A
All
-
10 (0.394)
-
12 (0.472)
-
16 (0.630)
-
20 (0.787)
-
26.5
(1.043)
ØD
All
-
7 (0.276)
-
9 (0.354)
-
12.5 (0.492)
-
17 (0.669)
-
23 (0.906)
e
(see notes
below)
All
4 (0.157)
6 (0.236)
4 (0.157)
6 (0.236) 6.5 (0.256) 8.5 (0.335) 6.5 (0.256) 8.5 (0.335) 6.5 (0.256)
(note 1 below)
8.5 (0.335)
(note 1 below)
e
1
V8ZA-
V56ZA
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
V68ZA-
V100ZA
1.5 (0.059)
3.5
(0.138)
1.5 (0.059)
3.5
(0.138)
1.5 (0.059) 3.5 (0.138) 1.5 (0.059)
3.5
(0.138)
1.5 (0.059) 3.5 (0.138)
V120ZA-
V180ZA
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.038)
3 (0.118)
1 (0.038)
3 (0.118)
V205ZA-
V750ZA
1.5 (0.059)
3.5
(0.138)
-
-
-
-
-
-
-
-
E
V8ZA-
V56ZA
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
V68ZA-
V100ZA
-
5.6
(0.220)
-
5.6
(0.220)
-
5.6 (0.220)
-
5.6
(0.220)
-
5.6 (0.220)
V120ZA-
V180ZA
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
V205ZA-
V750ZA
-
5.6
(0.220)
-
-
-
-
-
-
-
-
Øb
All
0.585
(0.023)
0.685
(0.027)
0.585
(0.023)
0.685
(0.027)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
A
TRIM
All
-
13.0
(0.512)
-
15 (0.591)
-
19.5 (0.768)
-
22.5
(0.886)
-
29.0
(1.142)
L
TRIM
All
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
1. For 20mm size devices, a 10mm "e" dimension option is also available. Please refer to "Ordering Notes" section "X10" option code for additional information.
2. V24ZA50(P) and V24ZC50(P) only supplied with lead spacing of 6.35mm -/+0.5mm (0.25 -/+0.0196) Dimension e = 5.85 min. Does not apply to Tape and Reel parts.
NOTES: Dimensions in millimeters, inches in parentheses.
To order this crimped and trimmed lead style,
standard radial type model numbers are
changed by replacing the model letter "ZA" with
"ZC." This option is supplied in bulk only.
Standard Model
Order As
V18ZA3P
V18ZC3P
For crimped leads without trimming and any varitions to
the above, contact Littelfuse.
Example:
CRIMPED AND TRIMMED LEAD
Radial lead types can be supplied with combination
preformed crimp and trimmed leads. This option is
supplied to the dimensions shown.
*Seating plane interpretation per IEC-717
LTRIM
ATRIM
SEATING
PLANE
øD
øb
25.4
(1.00)
MIN
A
e
e1
E


Similar Part No. - V100ZA4P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V100ZA4P LITTELFUSE-V100ZA4P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V100ZA4P LITTELFUSE-V100ZA4P Datasheet
825Kb / 13P
   Radial Lead Varistors
V100ZA4P LITTELFUSE-V100ZA4P Datasheet
1Mb / 14P
   ZA Varistor Series
V100ZA4P LITTELFUSE-V100ZA4P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V100ZA4P LITTELFUSE-V100ZA4P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
More results

Similar Description - V100ZA4P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com