Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1521 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SK1521
Description  Silicon N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1521 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SK1521 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1521 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1521 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1521 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1521 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1521 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1521 Datasheet HTML 7Page - Hitachi Semiconductor 2SK1521 Datasheet HTML 8Page - Hitachi Semiconductor 2SK1521 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SK1521, 2SK1522
4
300
200
100
0
50
100
150
Case Temperature TC (°C)
Power vs. Temperature Derating
1,000
1,000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
1
300
100
30
10
3
1
0.3
0.1
3
10
30
100
300
100
µs
1 ms
DC
Operation
(T
C = 25°C)
PW
=
10
ms
(1
Shot)
10
µs
Ta = 25°C
Operation
in
this
area
is limited
by
R DS
(on)
2SK1521
2SK1522
100
820
Drain to Source Voltage VDS (V)
Typical Output Characteristics
80
20
412
16
0
40
60
Pulse Test
VGS = 4 V
8 V
10 V
6 V
5.5 V
5 V
4.5 V
100
410
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
80
20
26
8
0
40
60
VDS = 20 V
Pulse Test
TC = 75°C
–25°C
25°C


Similar Part No. - 2SK1521

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1521 RENESAS-2SK1521 Datasheet
83Kb / 7P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK1521 ISC-2SK1521 Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK1521-E RENESAS-2SK1521-E Datasheet
83Kb / 7P
   Silicon N Channel MOS FET
2SK1521-E1-E RENESAS-2SK1521-E1-E Datasheet
259Kb / 7P
   450V - 50A - MOS FET High Speed Power Switching
Rev.3.00 Mar 26, 2014
2SK1521-E1-ET2 RENESAS-2SK1521-E1-ET2 Datasheet
259Kb / 7P
   450V - 50A - MOS FET High Speed Power Switching
Rev.3.00 Mar 26, 2014
More results

Similar Description - 2SK1521

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com