Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWU2562C9 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECWU2562C9
Description  Stacked Metallized PEN Film Chip Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU2562C9 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECWU2562C9 Datasheet HTML 1Page - Panasonic Semiconductor ECWU2562C9 Datasheet HTML 2Page - Panasonic Semiconductor ECWU2562C9 Datasheet HTML 3Page - Panasonic Semiconductor ECWU2562C9 Datasheet HTML 4Page - Panasonic Semiconductor ECWU2562C9 Datasheet HTML 5Page - Panasonic Semiconductor ECWU2562C9 Datasheet HTML 6Page - Panasonic Semiconductor ECWU2562C9 Datasheet HTML 7Page - Panasonic Semiconductor ECWU2562C9 Datasheet HTML 8Page - Panasonic Semiconductor ECWU2562C9 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC24−
Plastic Film Capacitors
■Recommened for Land Dimensions (mm)
Size code
Land dimensions for
reflow soldering
AB
C
E1,E2,E3a,E3
2.6
6.6
3.0
D1,D2,D3,D4,D5
3.8
7.8
3.8
B
3.8
7.8
4.6
Z
4.5
9.0
4.6
Y
4.5
9.0
5.7
X
5.1
9.7
5.0
V
7.2
11.9
5.7
Cap. (µF)
0.022
0.027
0.033
ECWUC2J223JV
7.1
6.3
3.6
Y
ECWUC2J273JV
7.1
6.3
4.1
Y
ECWUC2J333JV
7.1
6.3
5.1
Y
1000
Rated volt. 630 VDC
Part No.
Dimensions (mm)
LW
H
Size
Code
Q'ty
■ Rating, Dimensions & Quantity/Reel
●Capacitance tolerance : ±5 %(J)
p Œ ¯ ¶
‚ P1 ‘32
12.11.14 20:49
y [ W
24


Similar Part No. - ECWU2562C9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU2562C9 PANASONIC-ECWU2562C9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2562C9 PANASONIC-ECWU2562C9 Datasheet
65Kb / 3P
   Plastic Film Capacitors
More results

Similar Description - ECWU2562C9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com