Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWU2682C9 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECWU2682C9
Description  Stacked Metallized PEN Film Chip Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU2682C9 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ECWU2682C9 Datasheet HTML 5Page - Panasonic Semiconductor ECWU2682C9 Datasheet HTML 6Page - Panasonic Semiconductor ECWU2682C9 Datasheet HTML 7Page - Panasonic Semiconductor ECWU2682C9 Datasheet HTML 8Page - Panasonic Semiconductor ECWU2682C9 Datasheet HTML 9Page - Panasonic Semiconductor ECWU2682C9 Datasheet HTML 10Page - Panasonic Semiconductor ECWU2682C9 Datasheet HTML 11Page - Panasonic Semiconductor ECWU2682C9 Datasheet HTML 12Page - Panasonic Semiconductor ECWU2682C9 Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ECWU (C) Type
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
DC250V series
Applicable Specifications
(Stacked Metallized Film)
* Please consult Panasonic if your condition exceeds the above spec.
*The current(
0-P) value is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
dv/dt(V/us)
Capacitance
Value(uF)
Code
Rating
Voltage
Current(
0-P)
(A)
DC
250V
dv/dt(V/us)
240
Capacitance
Value(uF)
0.039
0.047
0.056
0.068
0.082
Code
393
473
563
683
823
Rating
Voltage
Current(
0-P)
(A)
9.36
11.28
13.44
16.32
19.68
DC
250V
190
0.10
0.12
0.15
0.18
0.22
104
124
154
184
224
24.00
28.80
28.50
34.20
41.80
115
65
0.27
0.33
0.39
0.47
0.56
274
334
394
474
564
31.05
37.95
44.85
54.05
36.40
0.68
684
44.20
0.82
824
53.30
1.0
105
65.00
615
0.0010
0.0012
0.0015
0.0018
0.0022
102
122
152
182
222
0.62
0.74
0.92
1.11
1.35
360
0.0027
0.0033
0.0039
0.0047
0.0068
272
332
392
472
562
1.66
2.03
2.40
1.69
2.02
0.0082
0.010
0.012
0.015
0.018
682
822
103
123
153
2.45
2.95
3.60
4.32
5.40
0.022
183
6.48
0.027
223
7.92
0.033
273
9.72
333
11.88
0.0056
Voltage Derating by Temperature
Surface Temperature of Capacitor(Degree C)
-60
40
-40 -20 0
20
60 80 100 120 140
0
100
150
250
300
50
200
125


Similar Part No. - ECWU2682C9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU2682C9 PANASONIC-ECWU2682C9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2682C9 PANASONIC-ECWU2682C9 Datasheet
65Kb / 3P
   Plastic Film Capacitors
More results

Similar Description - ECWU2682C9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com