Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J21DPM-06V-KX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # J21DPM-06V-KX
Description  2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J21DPM-06V-KX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  J21DPM-06V-KX Datasheet HTML 1Page - List of Unclassifed Manufacturers J21DPM-06V-KX Datasheet HTML 2Page - List of Unclassifed Manufacturers J21DPM-06V-KX Datasheet HTML 3Page - List of Unclassifed Manufacturers J21DPM-06V-KX Datasheet HTML 4Page - List of Unclassifed Manufacturers J21DPM-06V-KX Datasheet HTML 5Page - List of Unclassifed Manufacturers J21DPM-06V-KX Datasheet HTML 6Page - List of Unclassifed Manufacturers J21DPM-06V-KX Datasheet HTML 7Page - List of Unclassifed Manufacturers J21DPM-06V-KX Datasheet HTML 8Page - List of Unclassifed Manufacturers J21DPM-06V-KX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
JFA CONNECTOR/J2000 SERIES
Type
Top entry type
3, 4
6, 8, 10, 12, 16, 20
Side entry type
Panel mounting type
Wire-to-board
J2100
Single-row
type
Circuits
Circuits
Circuits
Circuits
3, 4
6, 8, 10, 12, 16, 20
4
3, 4
6, 8, 10, 12, 16, 20
Output 10 / Input 24
Center locking
type
J2100
Double-row
type
Side locking
type
J2800
Single-row
type
Common type
for sensors
J2300
Wire-to-wire
12, 20
Circuits
12, 20
20
Module type
J2500
J-2500
1
2
3
4
5
6
J-2100
1
2
3
4
5
Circuits
10
J2200
Double-row
type
1
2
3
4
5
P
S 1
S 2
S 3
S 4
S 5
S 6
S 7
S 8
2.5mm pitch / Voltage rating 250V AC, DC
List of J2000 series products


Similar Part No. - J21DPM-06V-KX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results

Similar Description - J21DPM-06V-KX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com