Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B03B-J21SK-GGXR Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # B03B-J21SK-GGXR
Description  2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B03B-J21SK-GGXR Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button B03B-J21SK-GGXR Datasheet HTML 5Page - List of Unclassifed Manufacturers B03B-J21SK-GGXR Datasheet HTML 6Page - List of Unclassifed Manufacturers B03B-J21SK-GGXR Datasheet HTML 7Page - List of Unclassifed Manufacturers B03B-J21SK-GGXR Datasheet HTML 8Page - List of Unclassifed Manufacturers B03B-J21SK-GGXR Datasheet HTML 9Page - List of Unclassifed Manufacturers B03B-J21SK-GGXR Datasheet HTML 10Page - List of Unclassifed Manufacturers B03B-J21SK-GGXR Datasheet HTML 11Page - List of Unclassifed Manufacturers B03B-J21SK-GGXR Datasheet HTML 12Page - List of Unclassifed Manufacturers B03B-J21SK-GGXR Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
J2000 SERIES/J2500
Line No.
Series name
Circuit No.
(C)
3.5
B
A
6
5
4
3
2
1
Panel layout
E ±0.1
D ±0.1
Circuits
Keying
Model No.
2
4
800
400
J25MF-02V-K
J25MF-04V-K
Q’ty / bag
Material
Glass-filled PBT, UL94V-0, black
• 2 circuits
• 4 circuits
Line No.
3.1
2.8
Line No.
6.6
6.3
3.5
Q’ty / box
Circuits Keying
Model No.
AB
Dimensions (mm)
(C)
96
132
12
20
J25DPM-12V-K
J25DPM-20V-K
17.5
31.5
22.3
36.3
29.7
43.7
D
22.6
36.6
E
27.3
41.3
Material
Glass-filled PBT, UL94V-0, black
Receptacle housing (Module type)
Tab housing (Panel mounting type)
RoHS compliance
RoHS compliance


Similar Part No. - B03B-J21SK-GGXR

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
B03B-J11SK-GWXR JST-B03B-J11SK-GWXR Datasheet
1Mb / 9P
   JFA CONNECTOR JFA CONNECTOR/J1000 SERIES J1000 SERIES/J1100 J1000 SERIES/J1800 2.2 mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)
B03B-J11SK-GWYR JST-B03B-J11SK-GWYR Datasheet
1Mb / 9P
   JFA CONNECTOR JFA CONNECTOR/J1000 SERIES J1000 SERIES/J1100 J1000 SERIES/J1800 2.2 mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)
B03B-J11SK-TXR JST-B03B-J11SK-TXR Datasheet
1Mb / 9P
   JFA CONNECTOR JFA CONNECTOR/J1000 SERIES J1000 SERIES/J1100 J1000 SERIES/J1800 2.2 mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)
B03B-J11SK-TYR JST-B03B-J11SK-TYR Datasheet
1Mb / 9P
   JFA CONNECTOR JFA CONNECTOR/J1000 SERIES J1000 SERIES/J1100 J1000 SERIES/J1800 2.2 mm pitcth/Disconnectable Crimp style connectors (For Wire-to-board/Wire-to-wire)
More results

Similar Description - B03B-J21SK-GGXR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com