Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B04B-J21SK-GGYR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # B04B-J21SK-GGYR
Description  2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B04B-J21SK-GGYR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button B04B-J21SK-GGYR Datasheet HTML 7Page - List of Unclassifed Manufacturers B04B-J21SK-GGYR Datasheet HTML 8Page - List of Unclassifed Manufacturers B04B-J21SK-GGYR Datasheet HTML 9Page - List of Unclassifed Manufacturers B04B-J21SK-GGYR Datasheet HTML 10Page - List of Unclassifed Manufacturers B04B-J21SK-GGYR Datasheet HTML 11Page - List of Unclassifed Manufacturers B04B-J21SK-GGYR Datasheet HTML 12Page - List of Unclassifed Manufacturers B04B-J21SK-GGYR Datasheet HTML 13Page - List of Unclassifed Manufacturers B04B-J21SK-GGYR Datasheet HTML 14Page - List of Unclassifed Manufacturers B04B-J21SK-GGYR Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
J2000 SERIES/J2500
Circuits
Keying
Q’ty / box
Model No.
12
20
B12B-J25DK-GGR
B20B-J25DK-GGR
Dimensions (mm)
AB
17.5
31.5
22.3
36.3
108
72
Material and Finish
Tab contact: Copper alloy, nickel-undercoated, selective gold-plated
Housing: Glass-filled PBT, UL94V-0, black
Reinforcing metal fixture: Copper alloy, nickel-undercoated, selective gold-plated
Connector outline
+0.05
–0.03
N-
φ0.85
A ±0.05
3.5 ±0.05
Line No.
Series
name
Circuit No.
Circuit No.
B
A
3.5
98765
10
4
3
21
J-2500
Copper foil land
2-(
φ3)
Through-hole
2-
φ2 ±0.05
PC board layout
(viewed from component side)
Circuits
Keying
Q’ty / box
Model No.
12
20
S12B-J25DK-GGR
S20B-J25DK-GGR
Dimensions (mm)
AB
17.5
31.5
22.3
36.3
108
72
Material and Finish
Tab contact: Copper alloy, nickel-undercoated, selective gold-plated
Housing: Glass-filled PBT, UL94V-0, black
Reinforcing metal fixture: Copper alloy, nickel-undercoated, selective gold-plated
3.5 ±0.05
+0.05
–0.03
N-φ0.85
A ±0.05
Connector outline
Series
name
Line No.
B
A
3.5
(7)
2.5
98
7
6
5
10
4
3
2
1
J-2500
Circuit No.
Circuit No.
Copper foil land
2-(
φ3)
Through-hole
2-
φ2 ±0.05
PC board layout
(viewed from component side)
Header Top entry type (Module type)
Header Side entry type (Module type)
RoHS compliance This product displays (LF) (AU) on a label.
RoHS compliance This product displays (LF) (AU) on a label.


Similar Part No. - B04B-J21SK-GGYR

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
B04B-JWPF-SK-R JST-B04B-JWPF-SK-R Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
More results

Similar Description - B04B-J21SK-GGYR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com