Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SPX404-W2A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # EE-SPX404-W2A
Description  Photomicrosensor with built-in amplifier and attached cable reduces external light interference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SPX404-W2A Datasheet(HTML) 4 Page - Omron Electronics LLC

  EE-SPX404-W2A Datasheet HTML 1Page - Omron Electronics LLC EE-SPX404-W2A Datasheet HTML 2Page - Omron Electronics LLC EE-SPX404-W2A Datasheet HTML 3Page - Omron Electronics LLC EE-SPX404-W2A Datasheet HTML 4Page - Omron Electronics LLC EE-SPX404-W2A Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
EE-SPX-W
(Unit: mm)
Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Optical axis
(0.5-mm wide)
Optical axis
(1-mm wide)
See note.
2.5
2.5
13 3.6
C0.5
2 dia.
6.6
Indicator window
R3.2
R3.2
7 dia.
6
7
15.6
3
3.5 dia.
hole
6.5
21.2
8
1,000
* Vinyl-insulated round cable of 3.5 dia., 3 cores,
(0.14 mm2 with 1.0-dia. insulator); Standard length: 1 m
Note: The lug is used to prevent turning and to indicate the optical axis.
When installing, make a fixed hole of 2.1 to 2.3 mm dia.
EE-SPX302-W2A
EE-SPX402-W2A
Optical axis
(0.5-mm wide)
Optical axis (1-mm wide)
See note.
2.5
2.5
13 3.6
C0.5
2 dia.
6.6
Indicator window
R3.2
R3.2
7 dia.
6
6
7
15.6
3
3.5 dia.
hole
6.5
21.2
8
1,000
Note: The lug is used to prevent turning and to indicate the optical axis.
When installing, make a fixed hole of 2.1 to 2.3 mm dia.
* Vinyl-insulated round cable of 3.5 dia., 3 cores,
(0.14 mm2 with 1.0-dia. insulator); Standard length: 1 m
EE-SPX304-W2A
EE-SPX404-W2A
3.6
6.6
Two, 3.5 dia. holes
Optical axis
(0.5-mm wide)
7.4
7
1.5 max.
Indicator window
6
8
21.2
1,000
Optical axis
(1-mm wide)
15.6
3
13.8
19
25
* Vinyl-insulated round cable of 3.5 dia., 3 cores,
(0.14 mm2 with 1.0-dia. insulator); Standard length: 1 m
Indicator
window
EE-SPX306-W2A
EE-SPX406-W2A
14.5
1,000
8
6.95
7.2
12.7
15.5
6.35
Optical axis window (2
× 0.8)
3.6
3.2
9
20
Two, 3.2 dia.
14.4
20 27.2
5
Four, R2
Indicator window
* Vinyl-insulated round cable of 3.5 dia., 3 cores,
(0.14 mm2 with 1.0-dia. insulator); Standard length: 1 m
7 dia.
EE-SPX305-W2A
EE-SPX405-W2A


Similar Part No. - EE-SPX404-W2A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPX404-W2A OMRON-EE-SPX404-W2A Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
More results

Similar Description - EE-SPX404-W2A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPY401 OMRON-EE-SPY401 Datasheet
675Kb / 7P
   Photomicrosensor with light modulation is not influenced by external light.
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
   Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
   Built-in Photomicrosensor Connector Type
logo
Maxim Integrated Produc...
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
logo
Omron Electronics LLC
EE-SX771A OMRON-EE-SX771A Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable
logo
Tripp Lite. All Rights ...
U357-025-UASP TRIPPLITE-U357-025-UASP Datasheet
164Kb / 3P
   USB 3.0 SuperSpeed External 2.5 in. SATA Hard Drive Enclosure with Built-In Cable and UASP Support
logo
Omron Electronics LLC
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
logo
Maxim Integrated Produc...
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
   Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
MAX17232 MAXIM-MAX17232 Datasheet
1Mb / 24P
   Eliminates External Components and Reduces Total Cost
Rev 0; 2/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com