Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFCX1E330R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEFCX1E330R
Description  SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCX1E330R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEFCX1E330R Datasheet HTML 1Page - Panasonic Semiconductor EEFCX1E330R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EEF-3 –
Standard Products
✽1: Ripple current (100 kHz/ +45°C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mouting Specifications”.
✽4: Please contact us when 500 pcs packing is necessary.
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(μF)
Case Size
Specification
Part number
✽4
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m
Ω max.)
✽3
Reflow condition :
260 °C
CS
10
47
7.3
4.3
1.1
3.2
40
EEFCS1A470R
3500
16
15
7.3
4.3
1.1
3.2
40
EEFCS1C150R
3500
22
7.3
4.3
1.1
3.2
40
EEFCS1C220R
3500
33
7.3
4.3
1.1
3.2
40
EEFCS1C330R
3500
20
10
7.3
4.3
1.1
3.2
40
EEFCS1D100R
3500
15
7.3
4.3
1.1
3.2
40
EEFCS1D150R
3500
22
7.3
4.3
1.1
3.2
40
EEFCS1D220R
3500
25
10
7.3
4.3
1.1
3.2
40
EEFCS1E100R
3500
15
7.3
4.3
1.1
3.2
40
EEFCS1E150R
3500
CT
10
68
7.3
4.3
1.4
3.2
40
EEFCT1A680R
3500
16
47
7.3
4.3
1.4
3.2
40
EEFCT1C470R
3500
20
33
7.3
4.3
1.4
3.2
40
EEFCT1D330R
3500
47
7.3
4.3
1.4
3.2
40
EEFCT1D470R
3500
25
22
7.3
4.3
1.4
3.2
40
EEFCT1E220R
3500
CX
10
47
7.3
4.3
1.9
3.2
40
EEFCX1A470R
3500
68
7.3
4.3
1.9
3.2
40
EEFCX1A680R
3500
100
7.3
4.3
1.9
3.2
40
EEFCX1A101R
3500
16
15
7.3
4.3
1.9
3.2
40
EEFCX1C150R
3500
22
7.3
4.3
1.9
3.2
40
EEFCX1C220R
3500
33
7.3
4.3
1.9
3.2
40
EEFCX1C330R
3500
47
7.3
4.3
1.9
3.2
40
EEFCX1C470R
3500
68
7.3
4.3
1.9
3.2
40
EEFCX1C680R
3500
20
22
7.3
4.3
1.9
3.2
40
EEFCX1D220R
3500
33
7.3
4.3
1.9
3.2
40
EEFCX1D330R
3500
47
7.3
4.3
1.9
3.2
40
EEFCX1D470R
3500
56
7.3
4.3
1.9
3.2
40
EEFCX1D560R
3500
25
15
7.3
4.3
1.9
3.2
40
EEFCX1E150R
3500
22
7.3
4.3
1.9
3.2
40
EEFCX1E220R
3500
33
7.3
4.3
1.9
3.2
40
EEFCX1E330R
3500
Temperature Compensation Multipliers for Ripple Current
< 45 °C
45 °C < T
< 85 °C
85 °C < T
< 105 °C
1.0
0.8
0.5
02
Jul. 2014


Similar Part No. - EEFCX1E330R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCX1E330R PANASONIC-EEFCX1E330R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors
EEFCX1E330R PANASONIC-EEFCX1E330R Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
EEFCX1E330R PANASONIC-EEFCX1E330R Datasheet
61Kb / 3P
   Conductive Polymer Aluminum Electrolytic Capacitors
More results

Similar Description - EEFCX1E330R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEF-SD0G151R PANASONIC-EEF-SD0G151R Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-SX0E471E4 PANASONIC-EEF-SX0E471E4 Datasheet
71Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0K101ER PANASONIC-EEF-UD0K101ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0J470R PANASONIC-EEF-CD0J470R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0G151LE PANASONIC-EEF-UD0G151LE Datasheet
107Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-GX0E471R PANASONIC-EEF-GX0E471R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CX0J101R PANASONIC-EEF-CX0J101R Datasheet
93Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com