Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-53118 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-53118
Description  Inductors Designed for Nationals 50 kHz Simple Switcher
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-53118 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-53118 Datasheet HTML 1Page - Pulse A Technitrol Company PE-53118 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P596.E (3/13)
1
pulseelectronics.com
Inductors Designed for National’s 50 kHz
Simple Switcher
Power Beads - PA3790.XXXHL Series
Pulse Jack
E l e c t r o n i c s
NOTES:
1. Typical inductance occurs at the Idc and ETop values shown.
2. The control value of inductance is measured at Bop equal to or less than 10 gauss
without DC current.
3. Inductance decreases with higher values of DC current and increases with lower
values of DC current.
4. Inductance increases with increase in Bop or ETop.
5. SIMPLE SWITCHER™ is a trademark of National Semiconductor Corporation.
6. RoHS compliant parts are available. Order RoHS compliant parts by adding the
suffix “
NL” to the part number (i.e. PE-53112 becomes PE-53112NL).
Electrical Specifications @ 25°C— Operating Temperature -40° to +130° C
Designed for use with National’s device num-
bers LM2574/LM2575/LM2576
Base material meets flammability
requirements of UL 94V-0
Performance verified by National
Semiconductor
Part Identification
Reference Operating Values 1
Design Control Values
Part
Number
Inductor
Code
Inductance
Typical
(
µH)
Idc
(Amps)
ETop
(V-
µSec)
Inductance
No DC 2
(
µH ± 20%)
DCR
(
Ω MAX)
Package
Style
Lead
Diameter
PE-53112
L47
47
3.0
90
38
0.05
KM-2.0
.025
PE-92114K
L68
36
5.0
90
56
0.02
KM-4.0
.040
PE-92108K
L100
100
3.0
90
91
0.04
KM-4.0
.032
PE-53113
L150
150
2.0
90
130
0.10
KM-4.0
.025
PE-52626
L220
220
1.4
90
230
0.38
Low Profile
.025 SQ.
PE-53145
L220
220
1.4
90
176
0.14
KM-3.0
.020
PE-52627
L330
330
0.9
90
302
0.74
Low Profile
.025 SQ.
PE-53146
L330
330
0.9
90
267
0.18
KM-3.0
.020
PE-53114
L470
470
0.64
90
426
0.16
KM-4.0
.025
PE-52629
L680
680
.85
90
657
1.25
Low Profile
.025 SQ.
PE-53115
H150
150
3.0
200
136
0.10
KM-4.0
.025
PE-53116
H220
220
3.0
200
167
0.07
KM-5.0
.032
PE-53117
H330
330
3.0
200
292
0.15
KM-5.0
.025
PE-53118
H470
470
2.0
200
369
0.17
KM-5.0
.025
PE-53119
H680
680
1.3
200
562
0.20
KM-5.0
.025
PE-53120
H1000
1000
0.95
200
762
0.24
KM-5.0
.025
PE-53121
H1500
1500
0.62
200
1150
1.00
Case
.032
PE-53122
H220
2200
0.42
200
1886
1.80
Case
.032


Similar Part No. - PE-53118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PE-53118 TI-PE-53118 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
PE-53118 TI-PE-53118 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Pulse A Technitrol Comp...
PE-53118 PULSE-PE-53118 Datasheet
373Kb / 2P
   inductors designed for national?셲 50 kHz simple switcher
logo
Texas Instruments
PE-53118 TI1-PE-53118 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Pulse A Technitrol Comp...
PE-53118 PULSE-PE-53118 Datasheet
630Kb / 2P
   Inductors Designed for Nationals 50 kHz Simple Switcher
More results

Similar Description - PE-53118

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53116NL PULSE-PE-53116NL Datasheet
630Kb / 2P
   Inductors Designed for Nationals 50 kHz Simple Switcher
logo
Filtran LTD
8540 FILTRAN-8540 Datasheet
100Kb / 1P
   INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
Pulse A Technitrol Comp...
P596 PULSE-P596 Datasheet
381Kb / 2P
   Inductors Designed for National?셲 50 kHz Simple Switcher
PE-52629 PULSE-PE-52629 Datasheet
373Kb / 2P
   inductors designed for national?셲 50 kHz simple switcher
PE-53112NL PULSE-PE-53112NL Datasheet
630Kb / 2P
   Inductors Designed for National?셲 50 kHz Simple Switcher?
PE-53818SNLT PULSE-PE-53818SNLT Datasheet
97Kb / 2P
   Toroid - Designed for Nationals 150kHz Simple Switcher
SPM2007 PULSE-SPM2007_46 Datasheet
173Kb / 2P
   Toroid - Designed for Nationals 260kHz Simple Switcher
logo
Filtran LTD
6985 FILTRAN-6985 Datasheet
61Kb / 1P
   Inductors National?셲 150 KHz SIMPLE SWITCHER
logo
Nuvotem Talema
SH260 TALEMA-SH260 Datasheet
381Kb / 3P
   inductors for national 260kHz simple switcher
logo
Pulse A Technitrol Comp...
P0849 PULSE-P0849 Datasheet
126Kb / 2P
   Toroid - Designed for National?셲 260kHz Simple Switcher
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com