Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-92116 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-92116
Description  THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-92116 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-92116 Datasheet HTML 1Page - Pulse A Technitrol Company PE-92116 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THT POWER INDUCTORS
Toroid - Vertical, Low Profile and
KlipMount
Coil
P
N
L
MK
Size
(MAX)
(MAX)
(+.125/-.025)
A
.550
.250
.375
.180
13,97
6,35
9,53
4,57
B
.700
.380
.375
.280
.530
±
.050
17,78
9,65
9,53
7,11
13,46
1,27
C
.850
.410
.375
.280
.720
±
.050
21,59
10,41
9,53
7,11
18,29
1,27
D
1.050
.550
.375
.400
.840
±
.020
26,67
13,97
9,53
10,16
21,24
0,51
E
1.400
.700
.375
.500
1.100
±
.100
35,56
17,78
9,53
12,7
27,94
2,54
F
1.650
.700
.375
.500
41,91
17,78
9,53
12,7
G
.850
.330
.875
.330
21,59
8,38
22,23
8,38
H
.640
.280
.875
.280
16,26
7,11
22,23
7,11
• Base material meets flammability requirements of UL 94V-0
• Mechanically rigid mount
• PC board — automatic insertability
• Lowest cost
L
P
N
M
P
K
PE-924XX
.375 ± .125
9,58
3,18
Low Profile Package
Vertical Package
KlipMount™ Package
B
D
C
1
2
SCHEMATIC
E
2E
.130 ± .020
3,30
,508
A
Note: Units with large wire sizes may exceed B dimension.
KLIPMOUNT™ is a trademark of Pulse Engineering, Inc.
NOTES:
1 Typical Inductance occurs at IDC and ETOP values shown.
2. Design control test voltage is critical. Inductance increases
with voltage.
3. For line filter applications, RMS line current is limited to
specified reference DC Current.
4. LI2 rating is the ability of the inductor to store energy.
2
5. DCR for vertical part measured close to coil. Add 10% more for low profile part.
6. RoHS compliant parts are available. Order RoHS compliant parts by adding the
suffix "NL" to the part number (i.e. PE-51591 becomes PE-51591NL).
Mechanicals
Standard
AB
C
D
E
Package
Maximum
Typical
KM-1
.340
.580
.650
.29
.110
8,64
14,73
16,51
7,37
2,79
KM-2
.450
.650
.700
.325
.150
11,43
16,51
17,78
8,26
3,81
KM-3
.450
.850
.950
.415
.150
11,43
21,59
24,13
10,54
3,81
KM-4
.620
.970
1.10
.475
.225
15,50
24,64
27,94
12,07
5,72
KM-5
.700
1.30
1.40
.625
.250
17,78
33,02
35,56
15,88
6,35
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
www.pulseeng.com
P635.A (4/06)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Road
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
TEL: 886 3 4641811
FAX: 886 3 4641911
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 85538070
FAX: 86 769 85538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Road
Shanghai 200233
China
TEL: 86 21 54643211/2
FAX: 86 21 54643210


Similar Part No. - PE-92116

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-92116 PULSE-PE-92116 Datasheet
92Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92116 PULSE-PE-92116 Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92116 PULSE-PE-92116 Datasheet
100Kb / 2P
   Toroid - Vertical, Low Profile and KlipMount
PE-92116 PULSE-PE-92116 Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92116 PULSE-PE-92116 Datasheet
100Kb / 2P
   THT POWER INDUCTORS
More results

Similar Description - PE-92116

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-92108K PULSE-PE-92108K Datasheet
92Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92412 PULSE-PE-92412 Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92412NL PULSE-PE-92412NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE92109KNL PULSE-PE92109KNL Datasheet
100Kb / 2P
   Toroid - Vertical, Low Profile and KlipMount?
PE-51591NL PULSE-PE-51591NL Datasheet
100Kb / 2P
   Toroid - Vertical, Low Profile and KlipMount
logo
Nuvotem Talema
SCS-14.4-1.5 TALEMA-SCS-14.4-1.5 Datasheet
47Kb / 1P
   Low Profile Power Inductors SMD & THT
logo
Eaton All Rights Reserv...
MP2A EATON-MP2A Datasheet
543Kb / 4P
   MICRO-PAC PLUS??Low profile toroid power inductors
LCPI EATON-LCPI Datasheet
423Kb / 6P
   Toroid power inductors
logo
Pulse A Technitrol Comp...
PE-92101NL PULSE-PE-92101NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-51591NL PULSE-PE-51591NL_15 Datasheet
614Kb / 3P
   THT Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com