Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFR0J392 Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # EEUFR0J392
Description  Aluminum Electrolytic Capacitors/ FR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

EEUFR0J392 Datasheet(HTML) 1 Page - Panasonic Battery Group

  EEUFR0J392 Datasheet HTML 1Page - Panasonic Battery Group EEUFR0J392 Datasheet HTML 2Page - Panasonic Battery Group EEUFR0J392 Datasheet HTML 3Page - Panasonic Battery Group EEUFR0J392 Datasheet HTML 4Page - Panasonic Battery Group EEUFR0J392 Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FR
– EEE-82 –
010
Sleeve
14 min.
3 min.
L
L 16 : L±1.5
L 20 : L±2.0
Pressure relief
06.3
+
08
0D±0.5
0D±0.5
Country of origin
Malaysia
Radial Lead Type
Series:
FR
Type:
A
Specifications
Category Temp. Range
–40 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 63 V.DC
Nominal Cap. Range
4.7 μF to 8200 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV (μA) After 2 minutes
tan
d
W.V.
6.3
10
16
25
35
50
63
(120 Hz/+20 °C)
tan
d
0.22
0.19
0.16
0.14
0.12
0.10
0.09
Add 0.02 per 1000 μF for products of 1000 μF or more.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied. (The sum
of DC and ripple peak voltage shall not exceed the rated working voltage) when the capacitors
are restored to 20 °C, the capacitors shall meet the limits specified below.
Duration
05×11/ 06.3×11.2 : 5000 hours
08×11.5/ 010×12.5 : 6000 hours (
✽ Only EEUFR1V331U (010×12.5) 5000 hours)
08×15/ 010×16 : 8000 hours, 08×20 : 9000 hours
010×20 to 010×25/ 012.5×20 to 012.5×35/ 016×20 to 016×25 : 10000 hours
Capacitance change ±25 % of initial measured value (6.3 V to 10 V : ±30 %)
tan
d
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Dimensions in mm (not to scale)
W.V.(V.DC)
Cap (μF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 63
4.7
to
33
0.45
0.55
0.75
0.90
1.00
47
to
330
0.60
0.70
0.85
0.95
1.00
390
to
1000
0.65
0.75
0.90
0.98
1.00
1200
to
8200
0.75
0.80
0.95
1.00
1.00
Frequency correction factor for ripple current
Body Dia. 0D5
6.3
8
10
12.5
16
Body Length L
————
12.5 to 25
30 to 35
Lead Dia. 0d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead space F
2.0
2.5
3.5
5.0
5.0
7.5
Features
● Low ESR (Same as FM Series)
● Endurance : 5000 h to 10000 h at +105 °C
● RoHS directive compliant
Attention
Not applicable for automotive
(Unit : mm)
05 May. 2014


Similar Part No. - EEUFR0J392

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFR0J392 PANASONIC-EEUFR0J392 Datasheet
109Kb / 4P
   Radial Lead Type
EEUFR0J392 PANASONIC-EEUFR0J392 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR0J392 PANASONIC-EEUFR0J392 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR0J392 PANASONIC-EEUFR0J392 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEUFR0J392 PANASONIC-EEUFR0J392 Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors FR
More results

Similar Description - EEUFR0J392

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FR1C101B PANASONIC-EEU-FR1C101B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1E151 PANASONIC-EEU-FR1E151 Datasheet
129Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1V152S PANASONIC-EEU-FR1V152S Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J181B PANASONIC-EEU-FR1J181B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1E821B PANASONIC-EEU-FR1E821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR0J821B PANASONIC-EEU-FR0J821B Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C152 PANASONIC-EEU-FR1C152 Datasheet
128Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1J271UB PANASONIC-EEU-FR1J271UB Datasheet
120Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
EEU-FR1C471 PANASONIC-EEU-FR1C471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FR
EEUFR1V271B PANASONIC-EEUFR1V271B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ FR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com