Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBHP682-IGU Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QBHP682-IGU
Description  High Power LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP682-IGU Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  QBHP682-IGU Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP682-IGU Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP682-IGU Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP682-IGU Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP682-IGU Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP682-IGU Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP682-IGU Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP682-IGU Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
QBHP682 series
1W High Power LED
Product: QBHP682 series
Date: April 5, 2011
Page 7 of 8
Version# 1.2
Ordering Information:
Part #
Orderable Part #
Spec Range
Quantity per tube
QBHP682-RU
QBHP682-RU
Iv = 40.0 lm typ.
50 units
QBHP682-YU
QBHP682-YU
Iv = 37.0 lm typ.
50 units
QBHP682-IBU
QBHP682-IBU
Iv = 18.0 lm typ.
50 units
QBHP682-IGU
QBHP682-IGU
Iv = 70.0 lm typ.
50 units


Similar Part No. - QBHP682-IGU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP682-IWU ETC-QBHP682-IWU Datasheet
588Kb / 8P
   High Power LED
More results

Similar Description - QBHP682-IGU

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
   High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com