Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBHP684UE-IWU-WW Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBHP684UE-IWU-WW
Description  1.0W High Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP684UE-IWU-WW Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBHP684UE-IWU-WW Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP684UE-IWU-WW Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684UE-IWU-WW Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684UE-IWU-WW Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684UE-IWU-WW Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684UE-IWU-WW Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684UE-IWU-WW Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684UE-IWU-WW Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684UE-IWU-WW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
QBHP684UE-IWU-XX
1.0W High Power LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684UE-IWU-XX
Date: April 30, 2014
Page 5 of 13
Version# 1.4
Forward Voltage VF @ IF=350mA
Bin
Min.
Max.
Unit
H
2.8
3.0
V
I
3.0
3.2
J
3.2
3.4
K
3.4
3.6
Luminous Flux
Φ
v @ IF=350mA
Bin
Min.
Max.
Unit
WD
85
95
lm
WE
95
105
WF
105
115
WG
115
125
WH
125
135
WI
135
145
WJ
145
155
WK
155
165
Note:
Tolerance of measurement of forward voltage: ±0.1V
Tolerance of measurement of luminous flux: ±10%


Similar Part No. - QBHP684UE-IWU-WW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP684UE-IWU-WW ETC1-QBHP684UE-IWU-WW Datasheet
941Kb / 13P
   1.0W High Power LED
More results

Similar Description - QBHP684UE-IWU-WW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP684UE-IWU-WW ETC1-QBHP684UE-IWU-WW Datasheet
941Kb / 13P
   1.0W High Power LED
QBHP684U-IRU ETC2-QBHP684U-IRU Datasheet
593Kb / 9P
   1.0W High Power IR LED
QBHP684U-IRU ETC1-QBHP684U-IRU Datasheet
635Kb / 9P
   1.0W High Power IR LED
logo
Luminus, Inc
MP-3030-2100 LUMINUS-MP-3030-2100 Datasheet
1Mb / 15P
   High-Performance Mid Power LED (1.0W)
logo
LIGITEK electronics co....
LGXW-521E-TR1-CW LIGITEK-LGXW-521E-TR1-CW Datasheet
462Kb / 13P
   1.0W Power Light LED
logo
Luminus, Inc
MP-3030-2200 LUMINUS-MP-3030-2200 Datasheet
1Mb / 14P
   Mid Power LED (1.0W)
logo
List of Unclassifed Man...
AN8053N ETC-AN8053N Datasheet
163Kb / 5P
   1.0W Power Amplifier
logo
Diodes Incorporated
SMAZ24-13 DIODES-SMAZ24-13 Datasheet
129Kb / 5P
   1.0W Power Dissipation
logo
American Bright OPTOELE...
AB-3535CQ-KKFRA AMERICANBRIGHT-AB-3535CQ-KKFRA Datasheet
1Mb / 15P
   3535 Ceramic 1.0W 3V White LED
Rev. 1.1 4/29/2022
logo
Diodes Incorporated
DFLZXXQ DIODES-DFLZXXQ_15 Datasheet
207Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com