Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBHP684U-SU Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBHP684U-SU
Description  1W High Power LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP684U-SU Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBHP684U-SU Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP684U-SU Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684U-SU Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684U-SU Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684U-SU Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684U-SU Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684U-SU Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684U-SU Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684U-SU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
QBHP684U-XXU Series
1W High Power LED
----------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXU Series
Date: April 30, 2014
Page 5 of 11
Version# 1.7
Forward Voltage VF for AlInGaP @ IF=350mA
Bin
Min.
Max.
Unit
D
2.0
2.2
V
E
2.2
2.4
F
2.4
2.6
G
2.6
2.8
Forward Voltage VF for InGaN @ IF=350mA
Bin
Min.
Max.
Unit
I
3.0
3.2
V
J
3.2
3.4
K
3.4
3.6
L
3.6
3.8
Luminous Flux
Φv for Red @ I
F=350mA
Bin
Min.
Max.
Unit
RE
45
55
lm
RF
55
65
RG
65
75
RH
75
85
RI
85
95
Luminous Flux
Φv for Deep Red @ I
F=350mA
Bin
Min.
Max.
Unit
RB
15
25
lm
Luminous Flux
Φv for Yellow @ I
F=350mA
Bin
Min.
Max.
Unit
AB
50
60
lm
AC
60
70
AD
70
80
Luminous Flux
Φv for Green @ I
F=350mA
Bin
Min.
Max.
Unit
GB
90
100
lm
GC
100
110
GD
110
120
GE
120
130
GF
130
140


Similar Part No. - QBHP684U-SU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP684U-SU ETC1-QBHP684U-SU Datasheet
857Kb / 11P
   1W High Power LED
More results

Similar Description - QBHP684U-SU

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A08L EVERLIGHT-EHP-A08L Datasheet
301Kb / 11P
   High Power LED - 1W
EHP-AX08B-GT01-P01 EVERLIGHT-EHP-AX08B-GT01-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08B-LM01-P01 EVERLIGHT-EHP-AX08B-LM01-P01 Datasheet
296Kb / 10P
   High Power LED - 1W
EHP-AX08B-SUR01A-P01 EVERLIGHT-EHP-AX08B-SUR01A-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08F-SUG01 EVERLIGHT-EHP-AX08F-SUG01 Datasheet
298Kb / 10P
   High Power LED - 1W
EHP-A07-VY01-P01 EVERLIGHT-EHP-A07-VY01-P01 Datasheet
273Kb / 10P
   High Power LED - 1W
EHP-C04 EVERLIGHT-EHP-C04 Datasheet
443Kb / 11P
   High Power LED - 1W
logo
List of Unclassifed Man...
QBHP684UE-PCAU ETC1-QBHP684UE-PCAU Datasheet
1,012Kb / 10P
   1W High Power LED
logo
Everlight Electronics C...
EHP-AX08LS-DT01-P01 EVERLIGHT-EHP-AX08LS-DT01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
EHP-AX08B-SUG01-P01 EVERLIGHT-EHP-AX08B-SUG01-P01 Datasheet
294Kb / 10P
   High Power LED - 1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com