Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBHP686-IWH-XX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # QBHP686-IWH-XX
Description  0.5W High Power LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP686-IWH-XX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button QBHP686-IWH-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP686-IWH-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP686-IWH-XX Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP686-IWH-XX Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP686-IWH-XX Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP686-IWH-XX Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP686-IWH-XX Datasheet HTML 9Page - List of Unclassifed Manufacturers QBHP686-IWH-XX Datasheet HTML 10Page - List of Unclassifed Manufacturers QBHP686-IWH-XX Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
QBHP686-IWH-XX
0.5W High Power LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP686-IWH-XX
Date: December 10, 2013
Page 8 of 11
Version# 2.1
Solder Profile
Lead-Free soldering Profile
25℃
2-5℃/sec
10sec. max
2-5℃/sec
120sec.Max
50sec.max
0
50
100
150
200
250
300
0
50
100
150
200
250
300
sec
1-5℃/sec
Pre heating 150-180℃
260℃ max
230℃ max
Time
Recommended Pad Layout
Units: mm
Tolerance: ± 0.2mm


Similar Part No. - QBHP686-IWH-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP686-IWH-CW ETC1-QBHP686-IWH-CW Datasheet
721Kb / 11P
   0.5W High Power LED
QBHP686-IWH-NW ETC1-QBHP686-IWH-NW Datasheet
721Kb / 11P
   0.5W High Power LED
QBHP686-IWH-WW ETC1-QBHP686-IWH-WW Datasheet
721Kb / 11P
   0.5W High Power LED
More results

Similar Description - QBHP686-IWH-XX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
EHP-A09-SUG31-PU5-TR EVERLIGHT-EHP-A09-SUG31-PU5-TR Datasheet
230Kb / 10P
   High Power LED - 0.5W
EHP-A21LM46H-PU5TR EVERLIGHT-EHP-A21LM46H-PU5TR Datasheet
269Kb / 15P
   High Power LED-0.5W
logo
List of Unclassifed Man...
QBHP686-IWH-WW ETC1-QBHP686-IWH-WW Datasheet
721Kb / 11P
   0.5W High Power LED
QBHP685-IWH ETC-QBHP685-IWH Datasheet
492Kb / 7P
   0.5W High Power LED
logo
Everlight Electronics C...
EHP-A21GT31H-PU5TR EVERLIGHT-EHP-A21GT31H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A09-UY31-PU5-TR EVERLIGHT-EHP-A09-UY31-PU5-TR Datasheet
170Kb / 10P
   High Power LED - 0.5W
EHP-A09-UT31-PU5-TR EVERLIGHT-EHP-A09-UT31-PU5-TR Datasheet
239Kb / 11P
   High Power LED - 0.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com