Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP600-YYG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBLP600-YYG
Description  0606 LED BI COLOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP600-YYG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBLP600-YYG Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP600-YYG Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP600-YYG Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP600-YYG Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP600-YYG Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP600-YYG Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP600-YYG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
QBLP600-YYG
0606 LED
BI COLOR
Product: QBLP600-YYG
Date: June 25, 2011
Page 1 of 7
Version# 1.0
Feature:
 Water clear lens
 Package in tape and reel
 Ultra bright 0606 LED package
 GaAsP technology for Yellow
 GaP technology for Yellow-Green
Description:
These ultra bright 0606 YYG LEDs have a height
profile of 0.80mm. Combination of high brightness
output and small footprint, these LEDs are ideal for
keypad backlighting, status indication, and color
mixing applications.
Application:
 Status indication
 Back lighting application
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.1mm


Similar Part No. - QBLP600-YYG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP600-YYG ETC1-QBLP600-YYG Datasheet
496Kb / 7P
   LED BI COLOR
More results

Similar Description - QBLP600-YYG

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00238-WCRGB261708 P-TEC-PL00238-WCRGB261708 Datasheet
32Kb / 1P
   Tri-Color SMD LED 0606 Package
PL00238-WCRGB250508 P-TEC-PL00238-WCRGB250508 Datasheet
32Kb / 1P
   Tri-Color SMD LED 0606 Package
PL00238-WCRGB260508 P-TEC-PL00238-WCRGB260508 Datasheet
32Kb / 1P
   Tri-Color SMD LED 0606 Package
PL00238-WCRGY260508 P-TEC-PL00238-WCRGY260508 Datasheet
32Kb / 1P
   Tri-Color SMD LED 0606 Package
logo
Dialight Corporation
598-8410-207F DIALIGHT-598-8410-207F Datasheet
1Mb / 2P
   Micro LED SMD LED '598 SERIES' 0606 PACKAGE (1.6mm X 1.6mm X 0.7mm) Bi-Color
logo
List of Unclassifed Man...
QBLP613-RIG ETC-QBLP613-RIG Datasheet
579Kb / 11P
   LED BI-COLOR
QBLP631-RAG ETC-QBLP631-RAG Datasheet
690Kb / 9P
   Bi-Color LED
QBLP600-RAG ETC1-QBLP600-RAG Datasheet
596Kb / 9P
   LED BI COLOR
logo
DB Lectro Inc
BTL-32NRYGC DBLECTRO-BTL-32NRYGC Datasheet
210Kb / 3P
   BI-COLOR LED
logo
List of Unclassifed Man...
QBLP613-RIG ETC1-QBLP613-RIG Datasheet
654Kb / 12P
   BI-Color LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com