Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBHP687-IWH-NW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBHP687-IWH-NW
Description  0.5W High Power LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBHP687-IWH-NW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBHP687-IWH-NW Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP687-IWH-NW Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP687-IWH-NW Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP687-IWH-NW Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP687-IWH-NW Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP687-IWH-NW Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP687-IWH-NW Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP687-IWH-NW Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP687-IWH-NW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
QBHP686-IWK-XX
0.2W Mid Power LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP686-IWK-XX
Date: December 10, 2013
Page 4 of 11
Version# 3.1
Electrical / Optical Characteristic (Ta=25
oC)
Product
Color
IF(mA)
VF(V)
CCT (K)
Φv(lm)
Typ. Max.
Min.
Typ.
Max.
Min.
Typ.
QBHP686-IWK-WW
Warm White
60
3.2
3.4
2760
3000
3260
17
18
QBHP686-IWK-NW
Natural White
60
3.2
3.4
3640
4000
4240
18
19
QBHP686-IWK-CW
Cool White
60
3.2
3.4
5300
6020
7050
18
19
Absolute Maximum Rating
Material
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
InGaN
250
75
140
5
-30 to +85
-40 to +100
260
*Duty 1/10 @ 1KHz
**IR Reflow for no more than 10 sec @ 260
oC


Similar Part No. - QBHP687-IWH-NW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP687-IWH-NW ETC-QBHP687-IWH-NW Datasheet
726Kb / 10P
   0.5W High Power LED
More results

Similar Description - QBHP687-IWH-NW

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
EHP-A09-SUG31-PU5-TR EVERLIGHT-EHP-A09-SUG31-PU5-TR Datasheet
230Kb / 10P
   High Power LED - 0.5W
EHP-A21LM46H-PU5TR EVERLIGHT-EHP-A21LM46H-PU5TR Datasheet
269Kb / 15P
   High Power LED-0.5W
logo
List of Unclassifed Man...
QBHP686-IWH-WW ETC1-QBHP686-IWH-WW Datasheet
721Kb / 11P
   0.5W High Power LED
QBHP685-IWH ETC-QBHP685-IWH Datasheet
492Kb / 7P
   0.5W High Power LED
logo
Everlight Electronics C...
EHP-A21GT31H-PU5TR EVERLIGHT-EHP-A21GT31H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A09-UY31-PU5-TR EVERLIGHT-EHP-A09-UY31-PU5-TR Datasheet
170Kb / 10P
   High Power LED - 0.5W
EHP-A09-UT31-PU5-TR EVERLIGHT-EHP-A09-UT31-PU5-TR Datasheet
239Kb / 11P
   High Power LED - 0.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com