Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP612-R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QBLP612-R
Description  LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP612-R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QBLP612-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP612-R Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
QBLP612 Series
Side View 0802 LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP612 Series
Date: September 16, 2014
Page 9 of 12
Version# 1.0
Solder Profile & Footprint
-Recommended tin solder specifications: melting temperature in the range of 178~192
OC
-The recommended reflow soldering profile is as follows (temperatures indicated are as measured
on the surface of the LED resin):
Recommended Pad Layout
Units: mm
Tolerance: ± 0.1mm


Similar Part No. - QBLP612-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP612-R ETC1-QBLP612-R Datasheet
629Kb / 12P
   Side View LED
More results

Similar Description - QBLP612-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com