Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP615-IG Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBLP615-IG
Description  LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP615-IG Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBLP615-IG Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP615-IG Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP615-IG Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP615-IG Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP615-IG Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP615-IG Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP615-IG Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP615-IG Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP615-IG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
QBLP615_series
1206 Side view LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP615_series
Date: February 04, 2014
Page 4 of 13
Version# 1.3
Electrical / Optical Characteristic (T=25
oC)
Product
Color
IF(mA)
VF(V)
λD (nm)
IV(mcd)
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
QBLP615-IB
Blue
20
3.1
3.7
455
460
465
40
70
QBLP615-IG
True Green
20
3.1
3.7
520
525
530
125
320
QBLP615-R
Red
20
2.0
2.5
615
620
630
80
140
QBLP615-AG
Yellow Green
20
2.0
2.5
565
570
576
20
63
QBLP615-Y
Yellow
20
2.0
2.5
585
590
595
63
120
QBLP615-O
Orange
20
2.0
2.5
600
605
610
80
150
QBLP615-S
Deep Red
20
2.0
2.5
625
630
635
50
85
Absolute Maximum Rating
Material
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
InGaN (IB/IG)
111
30
125
5
-40 ~ +80
-40 ~ +85
260
AlInGaP
(R/AG/Y/O/S)
75
30
125
5
-40 ~ +80
-40 ~ +85
260
*Duty 1/8 @ 1kHz
**IR Reflow for no more than 10 sec @ 260
oC
Forward Voltage VF for AlInGaP @ IF=20mA
Bin
Min.
Max.
Unit
1.7
2.5
V
Forward Voltage VF for InGaN @ IF=20mA
Bin
Min.
Max.
Unit
f
2.8
3.1
V
g
3.1
3.4
h
3.4
3.7


Similar Part No. - QBLP615-IG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP615-IG ETC1-QBLP615-IG Datasheet
883Kb / 13P
   Side view LED
More results

Similar Description - QBLP615-IG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com