Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP676-IW-WW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBLP676-IW-WW
Description  PLCC 2 LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QBLP676-IW-WW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBLP676-IW-WW Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP676-IW-WW Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP676-IW-WW Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP676-IW-WW Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP676-IW-WW Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP676-IW-WW Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP676-IW-WW Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP676-IW-WW Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP676-IW-WW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
QBLP676-IW-XX
3020 PLCC 2 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP676-IW-XX
Date: December 06, 2013
Page 4 of 10
Version# 2.2
Electrical / Optical Characteristic (T=25
oC)
Product
Color
IF(mA)
VF(V)
CCT(K)
IV(mcd)
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
QBLP676-IW-WW
Warm White
20
3.2
3.4
2760
3000
3260
1600
1950
QBLP676-IW-NW
Natural White
20
3.2
3.4
3640
4000
4240
1600
2000
QBLP676-IW-CW
Cool White
20
3.2
3.4
5300
6020
7050
1600
2000
Absolute Maximum Rating
Material
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
InGaN
75
30
100
5
-30 ~ +85
-40 ~ +100
260
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 10 sec @ 260
oC
Forward Voltage VF @ IF=20mA
Bin
Min.
Max.
Unit
H
2.8
3.0
V
J
3.0
3.2
K
3.2
3.4
Luminous Intensity IV @IF=20mA
Bin
Min.
Max.
Unit
L1
1600
1950
mcd
L2
1950
2400
L3
2400
2880
L4
2880
3450
L5
3450
4150
Note:
Tolerance of measurement of forward voltage: ±0.1V
Tolerance of measurement of luminous intensity: ±15%
Correlated Color Temperature (CCT) @ IF=20mA
Bin
Min.
Max.
Unit
RN
2760
3260
K
RL
3640
4240
RM
5300
6020
RR
6020
7050


Similar Part No. - QBLP676-IW-WW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP676-IW-WW ETC1-QBLP676-IW-WW Datasheet
626Kb / 10P
   White LED
More results

Similar Description - QBLP676-IW-WW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP674-IWM-XX ETC-QBLP674-IWM-XX Datasheet
589Kb / 10P
   PLCC 2 LED
logo
Agilent(Hewlett-Packard...
HSMD-A100 HP-HSMD-A100 Datasheet
67Kb / 2P
   PLCC-2 SMT LED
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
VLMP31 VISHAY-VLMP31 Datasheet
172Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.6, 03-Aug-15
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 23-Oct-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.1, 31-Aug-07
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
   Power SMD LED PLCC-2
Rev. 1.2, 10-Sep-07
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com