Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMMBT4403L Datasheet(PDF) 6 Page - ON Semiconductor

Part # SMMBT4403L
Description  Switching Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBT4403L Datasheet(HTML) 6 Page - ON Semiconductor

  SMMBT4403L Datasheet HTML 1Page - ON Semiconductor SMMBT4403L Datasheet HTML 2Page - ON Semiconductor SMMBT4403L Datasheet HTML 3Page - ON Semiconductor SMMBT4403L Datasheet HTML 4Page - ON Semiconductor SMMBT4403L Datasheet HTML 5Page - ON Semiconductor SMMBT4403L Datasheet HTML 6Page - ON Semiconductor SMMBT4403L Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMBT4403L, SMMBT4403L
http://onsemi.com
6
STATIC CHARACTERISTICS
Figure 16. Base−Emitter Saturation Voltage vs.
Collector Current
Figure 17. Base−Emitter Turn On Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.0001
0.3
0.4
0.5
0.6
0.7
0.9
1.0
1.1
1
0.1
0.01
0.001
0.0001
0.2
0.4
0.5
0.6
0.7
0.9
1.0
0.8
150°C
25°C
−55°C
0.8
150°C
25°C
−55°C
IC/IB = 10
VCE = 2.0 V
Figure 18. Input Capacitance vs. Emitter Base
Voltage
Figure 19. Output Capacitance vs. Collector
Base Voltage
Veb, EMITTER BASE VOLTAGE (V)
Vcb, COLLECTOR BASE VOLTAGE (V)
6
3
2
1
0
10
15
20
25
35
40
40
20
15
5
0
3
7
9
13
15
30
4
5
10
25
30
35
0.3
11
5
Figure 20. Safe Operating Area
Figure 21. Current−Gain−Bandwidth Product
VCE, COLLECTOR EMITTER VOLTAGE (V)
IC, COLLECTOR CURRENT (mA)
100
10
0.1
1
10
1000
10
0.1
10
1000
100
100
1
100
1000
10 ms
1 s
VCE = 1.0 V
TA = 25°C
1 ms 100
ms
Thermal Limit
1


Similar Part No. - SMMBT4403L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMMBT4403L ONSEMI-SMMBT4403L Datasheet
168Kb / 7P
   Switching Transistor
October, 2016 ??Rev. 13
SMMBT4403LT1G ONSEMI-SMMBT4403LT1G Datasheet
168Kb / 7P
   Switching Transistor
October, 2016 ??Rev. 13
More results

Similar Description - SMMBT4403L

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
logo
GUANGDONG HOTTECH INDUS...
MMBT4401 HOTTECH-MMBT4401 Datasheet
182Kb / 2P
   Switching transistor
logo
Guangdong Kexin Industr...
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
   Switching Transistor
FMMT720 KEXIN-FMMT720 Datasheet
38Kb / 2P
   Switching Transistor
logo
ON Semiconductor
BSV52LT1G ONSEMI-BSV52LT1G Datasheet
114Kb / 3P
   Switching Transistor
August, 2009 ??Rev. 3
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
   Switching Transistor
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
   Switching Transistor
October, 2010 -- Rev. 2
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
   Switching Transistor
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W_15 Datasheet
301Kb / 5P
   Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
   SWITCHING TRANSISTOR
logo
Unisonic Technologies
2SA1507 UTC-2SA1507 Datasheet
166Kb / 5P
   SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com