Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XH414H-II06E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XH414H-II06E
Description  Reflowable XH Capacitor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XH414H-II06E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XH414H-II06E Datasheet HTML 1Page - List of Unclassifed Manufacturers XH414H-II06E Datasheet HTML 2Page - List of Unclassifed Manufacturers XH414H-II06E Datasheet HTML 3Page - List of Unclassifed Manufacturers XH414H-II06E Datasheet HTML 4Page - List of Unclassifed Manufacturers XH414H-II06E Datasheet HTML 5Page - List of Unclassifed Manufacturers XH414H-II06E Datasheet HTML 6Page - List of Unclassifed Manufacturers XH414H-II06E Datasheet HTML 7Page - List of Unclassifed Manufacturers XH414H-II06E Datasheet HTML 8Page - List of Unclassifed Manufacturers XH414H-II06E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
STDE-B-XH0414H02RII06E-0010-1
P.5/12
5. Characteristics
Model
Test
Measuring
No.
Characteristics
XH414H
Method
s
Methods
1
Capacity (initial)
7-1
6-2-1
24
°C
0.01 mAh or more
-25
°C
50% or more of value measured at 24
°C
70
°C
80% or more of value measured at 24
°C
2
Internal impedance (initial)
7-1
6-3
24
°C
150ohm or less
-25
°C
1000 ohm or less
70
°C
1000 ohm or less
3
Over Charge (Floating) Characteristics
7-2
Capacity
70% or more of initial value measured at 24
°C
6-2-1
Internal
impedance
1000 ohm or less
6-3
4
High Temperature and High Humidity Storage Characteristics
7-3
Capacity
70% or more of initial value measured at 24
°C
6-2-1
Internal
impedance
1000 ohm or less
6-3
5
Charge / Discharge Cycle Characteristics
7-4
Capacity
70% or more of initial value measured at 24
°C
6-2-1
Internal
impedance
1000 ohm or less
6-3
6
Leakage
Resistance
Level S3 (*1) or less
(There is no significant leakage, which effects
capacitor’s performance.)
7-5
6-5
7
Appearance
6-5
Initial
No leakage.
There is no foreign body adhesion (over level
S2).
There is no significant deformation, stain,
stricken mark, rust and burr.
Initial
After Test
There is no significant leakage (C1 or more),
deformation, stain, stricken mark, rust and
burr.
7-2
7-3
7-4
*1: Refer to “Leakage Criteria”
“Initial” means within one month after deliver.


Similar Part No. - XH414H-II06E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XH400PE ETC-XH400PE Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
XH400PJ ETC-XH400PJ Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
XH400SE ETC-XH400SE Datasheet
393Kb / 4P
   TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
logo
Okaya Electric America,...
XH472 OKAYA-XH472 Datasheet
297Kb / 1P
   NOISE SUPPRESSION CAPACITOR
XH472 OKAYA-XH472 Datasheet
80Kb / 1P
   NOISE SUPPRESSION CAPACITOR
More results

Similar Description - XH414H-II06E

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
JSTB3B-XH-A NEWHAVEN-JSTB3B-XH-A Datasheet
229Kb / 9P
   XH CONNECTOR
JSTB8B-XH-A NEWHAVEN-JSTB8B-XH-A Datasheet
229Kb / 9P
   XH CONNECTOR
logo
Cree, Inc
XH-G CREE-XH-G Datasheet
1Mb / 12P
   XLamp XH-G LED
XHBAWT-00-0000-00000LX51 CREE-XHBAWT-00-0000-00000LX51 Datasheet
1Mb / 11P
   XLamp XH-B LED
XH-B CREE-XH-B Datasheet
1Mb / 11P
   XLamp XH-B LED
CLD-DS71 CREE-CLD-DS71 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-G LED
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
CLD-DS70 CREE-CLD-DS70 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-B LED
logo
Seiko Instruments Inc
ML414H SII-ML414H Datasheet
351Kb / 1P
   High capacity, Pb-free reflowable Rechargeable battery
logo
Abracon Corporation
AB26TRB ABRACON-AB26TRB Datasheet
142Kb / 2P
   LOW FREQUENCY REFLOWABLE CYLINDRICAL WATCH CRYSTAL
07.09.07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com