Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5163V14-2.7A Datasheet(PDF) 8 Page - Intersil Corporation

Part # X5163V14-2.7A
Description  CPU Supervisor with 16Kbit SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5163V14-2.7A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X5163V14-2.7A Datasheet HTML 4Page - Intersil Corporation X5163V14-2.7A Datasheet HTML 5Page - Intersil Corporation X5163V14-2.7A Datasheet HTML 6Page - Intersil Corporation X5163V14-2.7A Datasheet HTML 7Page - Intersil Corporation X5163V14-2.7A Datasheet HTML 8Page - Intersil Corporation X5163V14-2.7A Datasheet HTML 9Page - Intersil Corporation X5163V14-2.7A Datasheet HTML 10Page - Intersil Corporation X5163V14-2.7A Datasheet HTML 11Page - Intersil Corporation X5163V14-2.7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
FN8128.3
June 1, 2006
The Write Enable Latch (WEL) bit indicates the Status of
the Write Enable Latch. When WEL = 1, the latch is set
HIGH and when WEL = 0 the latch is reset LOW. The WEL
bit is a volatile, read only bit. It can be set by the WREN
instruction and can be reset by the WRDS instruction.
The block lock bits, BL0 and BL1, set the level of block lock
protection. These nonvolatile bits are programmed using the
WRSR instruction and allow the user to protect one quarter,
one half, all or none of the EEPROM array. Any portion of
the array that is block lock protected can be read but not
written. It will remain protected until the BL bits are altered to
disable block lock protection of that portion of memory.
The Watchdog Timer bits, WD0 and WD1, select the
Watchdog Time Out Period. These nonvolatile bits are
programmed with the WRSR instruction.
The FLAG bit shows the status of a volatile latch that can be
set and reset by the system using the SFLB and RFLB
instructions. The Flag bit is automatically reset upon power-
up. This flag can be used by the system to determine
whether a reset occurs as a result of a watchdog time out or
power failure.
The nonvolatile WPEN bit is programmed using the WRSR
instruction. This bit works in conjunction with the WP pin to
provide an In-Circuit Programmable ROM function (Table
2). WP is LOW and WPEN bit programmed HIGH disables
all Status Register Write Operations.
In Circuit Programmable ROM Mode
This mechanism protects the block lock and Watchdog bits
from inadvertent corruption.
In the locked state (Programmable ROM Mode) the WP pin
is LOW and the nonvolatile bit WPEN is “1”. This mode
disables nonvolatile writes to the device’s Status Register.
Setting the WP pin LOW while WPEN is a “1” while an
internal write cycle to the Status Register is in progress will
not stop this write operation, but the operation disables
subsequent write attempts to the Status Register.
STATUS
REGISTER BITS
ARRAY ADDRESSES PROTECTED
BL1
BL0
X516X
0
0
None
0
1
$0600-$07FF
1
0
$0400-$07FF
1
1
$0000-$07FF
STATUS REGISTER BITS
WATCHDOG TIME OUT
(TYPICAL)
WD1
WD0
0
0
1.4 seconds
0
1
600 milliseconds
1
0
200 milliseconds
1
1
disabled
STATUS REGISTER BITS
WATCHDOG TIME OUT
(TYPICAL)
WD1
WD0
0
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
25
26
27
28
29
30
7
6
543
21
0
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
16 BIT ADDRESS
15
14
13
3
2
1
0
FIGURE 5. READ EEPROM ARRAY SEQUENCE
X5163, X5165


Similar Part No. - X5163V14-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163V14-2.7A INTERSIL-X5163V14-2.7A Datasheet
365Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM Description
X5163V14-2.7A INTERSIL-X5163V14-2.7A Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
More results

Similar Description - X5163V14-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5163 XICOR-X5163 Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163_06 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
X5168 RENESAS-X5168 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163 Datasheet
365Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM Description
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com