Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M2750IM48-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16M2750IM48-F
Description  1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M2750IM48-F Datasheet(HTML) 1 Page - Exar Corporation

  XR16M2750IM48-F Datasheet HTML 1Page - Exar Corporation XR16M2750IM48-F Datasheet HTML 2Page - Exar Corporation XR16M2750IM48-F Datasheet HTML 3Page - Exar Corporation XR16M2750IM48-F Datasheet HTML 4Page - Exar Corporation XR16M2750IM48-F Datasheet HTML 5Page - Exar Corporation XR16M2750IM48-F Datasheet HTML 6Page - Exar Corporation XR16M2750IM48-F Datasheet HTML 7Page - Exar Corporation XR16M2750IM48-F Datasheet HTML 8Page - Exar Corporation XR16M2750IM48-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR16M2750
1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
AUGUST 2007
REV. 1.0.0
GENERAL DESCRIPTION
The XR16M27501 (M2750) is a high performance
dual universal asynchronous receiver and transmitter
(UART) with 64 byte TX and RX FIFOs. The device
operates from 1.62 to 3.63 volts and is pin-to-pin
compatible to Exar’s ST16C2550 and XR16V2750.
The M2750 register set is identical to the XR16V2750
and is compatible to the ST16C2550 and the
XR16C2850 enhanced features. It supports the
Exar’s enhanced features of programmable FIFO
trigger level and FIFO level counters, automatic
hardware (RTS/CTS) and software flow control,
automatic RS-485 half duplex direction control output
and a complete modem interface. Onboard registers
provide the user with operational status and data
error flags. An internal loopback capability allows
system
diagnostics.
Independent
programmable
baud rate generators are provided in each channel to
select data rates up to 8 Mbps at 3.3 Volt and 8X
sampling clock. The M2750 is available in 48-pin
TQFP and 32-pin QFN packages.
NOTE: 1 Covered by U.S. Patent #5,649,122
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FEATURES
1.62 to 3.63 Volt Operation
Pin-to-pin compatible to Exar’s XR16V2750 and
TI’s TL16C752B in the 48-TQFP package
Two independent UART channels
Data rate of up to 8 Mbps at 3.3 V
Data rate of up to 6.25 Mbps at 2.5 V
Data rate of up to 4 Mbps at 1.8 V
Fractional Baud Rate Generator
Transmit and Receive FIFOs of 64 bytes
Programmable TX and RX FIFO Trigger Levels
Transmit and Receive FIFO Level Counters
Automatic Hardware (RTS/CTS) Flow Control
Selectable Auto RTS Flow Control Hysteresis
Automatic Software (Xon/Xoff) Flow Control
Automatic
RS-485
Half-duplex
Direction
Control Output via RTS#
Wireless Infrared (IrDA 1.0) Encoder/Decoder
Automatic sleep mode
Full modem interface
Device Identification and Revision
Crystal oscillator (up to 24MHz) or external clock
(upto 64MHz) input
48-TQFP and 32-QFN packages
FIGURE 1. XR16M2750 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc/Buffer
TXA, RXA, DTRA#,
DSRA#, RTSA#,
DTSA#, CDA#, RIA#,
OP2A#
8-bit Data
Bus
Interface
UART Channel A
64 Byte TX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
1.62 to 3.6 Volt VCC
GND
2750BLK
TXB, RXB, DTRB#,
DSRB#, RTSB#,
CTSB#, CDB#, RIB#,
OP2B#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA#
CSB#
INTA
INTB
IOW#
IOR#
Reset
TXRDYA#
TXRDYB#
RXRDYA#
RXRDYB#
64 Byte RX FIFO


Similar Part No. - XR16M2750IM48-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M2750IM48 EXAR-XR16M2750IM48 Datasheet
1,005Kb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16M2750IM48-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M2752 EXAR-XR16M2752_07 Datasheet
1Mb / 51P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2750 EXAR-XR16M2750 Datasheet
1,005Kb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2751 EXAR-XR16M2751_07 Datasheet
1Mb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752IL32-F EXAR-XR16M2752IL32-F Datasheet
1Mb / 51P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com