Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5163S8I-4.5A Datasheet(PDF) 6 Page - Intersil Corporation

Part # X5163S8I-4.5A
Description  CPU Supervisor with 16Kbit SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5163S8I-4.5A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X5163S8I-4.5A Datasheet HTML 2Page - Intersil Corporation X5163S8I-4.5A Datasheet HTML 3Page - Intersil Corporation X5163S8I-4.5A Datasheet HTML 4Page - Intersil Corporation X5163S8I-4.5A Datasheet HTML 5Page - Intersil Corporation X5163S8I-4.5A Datasheet HTML 6Page - Intersil Corporation X5163S8I-4.5A Datasheet HTML 7Page - Intersil Corporation X5163S8I-4.5A Datasheet HTML 8Page - Intersil Corporation X5163S8I-4.5A Datasheet HTML 9Page - Intersil Corporation X5163S8I-4.5A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN8128.3
June 1, 2006
VTRIP PROGRAMMING
APPLY 5V TO VCC
DECREMENT VCC
RESET PIN
GOES ACTIVE?
MEASURED VTRIP
DESIRED VTRIP
DONE
EXECUTE
SEQUENCE
RESET VTRIP
SET VCC = VCC APPLIED =
DESIRED VTRIP
EXECUTE
SEQUENCE
SET VTRIP
NEW VCC APPLIED =
OLD VCC APPLIED + ERROR
(VCC = VCC - 50MV)
EXECUTE
SEQUENCE
RESET VTRIP
NEW VCC APPLIED =
OLD VCC APPLIED - ERROR
ERROR > -EMAX
ERROR < EMAX
YES
NO
ERROR > EMAX
EMAX = MAXIMUM DESIRED ERROR
FIGURE 3. VTRIP PROGRAMMING SEQUENCE FLOW CHART
1
2
3
4
8
7
6
5
X5163, X5165
VTRIP
ADJ.
PROGRAM
NC
NC
VP
RESET VTRIP
TEST VTRIP
SET VTRIP
NC
RESET
4.7K
4.7K
10K
10K
+
FIGURE 4. SAMPLE VTRIP RESET CIRCUIT
X5163, X5165


Similar Part No. - X5163S8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5163S8I-4.5A XICOR-X5163S8I-4.5A Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163S8I-4.5A INTERSIL-X5163S8I-4.5A Datasheet
365Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM Description
X5163S8I-4.5A INTERSIL-X5163S8I-4.5A Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
More results

Similar Description - X5163S8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5163 XICOR-X5163 Datasheet
117Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163_06 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
X5168 RENESAS-X5168 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163 Datasheet
365Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM Description
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com