Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PME4118TP Datasheet(PDF) 3 Page - Ericsson

Part # PME4118TP
Description  6A output current
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PME4118TP Datasheet(HTML) 3 Page - Ericsson

  PME4118TP Datasheet HTML 1Page - Ericsson PME4118TP Datasheet HTML 2Page - Ericsson PME4118TP Datasheet HTML 3Page - Ericsson PME4118TP Datasheet HTML 4Page - Ericsson PME4118TP Datasheet HTML 5Page - Ericsson PME4118TP Datasheet HTML 6Page - Ericsson PME4118TP Datasheet HTML 7Page - Ericsson PME4118TP Datasheet HTML 8Page - Ericsson PME4118TP Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
3 (3)
Prepared (also subject responsible if other)
No.
MPM/BY/P Henrik Sundh
1/1301 BMR 642 4 Uen
Approved
Checked
Date
Rev
Reference
MPM/BY/M [Krister Lundberg]
2006-02-20
A
Safety Specification
General information
Ericsson Power Modules DC/DC converters and DC/DC
regulators are designed in accordance with safety
standards IEC/EN/UL60950, Safety of Information
Technology Equipment.
IEC/EN/UL60950 contains requirements to prevent injury
or damage due to the following hazards:
Electrical shock
Energy hazards
Fire
Mechanical and heat hazards
Radiation hazards
Chemical hazards
On-board DC-DC converters are defined as component
power supplies. As components they cannot fully comply
with the provisions of any Safety requirements without
“Conditions of Acceptability”. It is the responsibility of the
installer to ensure that the final product housing these
components complies with the requirements of all
applicable Safety standards and Directives for the final
product.
Component power supplies for general use should comply
with the requirements in IEC60950, EN60950 and
UL60950 “Safety of information technology equipment”.
There are other more product related standards, e.g.
IEEE802.3af “Ethernet LAN/MAN Data terminal equipment
power”, and ETS300132-2 “Power supply interface at the
input to telecommunications equipment; part 2: DC”, but
all of these standards are based on IEC/EN/UL60950 with
regards to safety.
Ericsson Power Modules DC/DC converters and DC/DC
regulators are UL60950 recognized and certified in
accordance with EN60950.
The flammability rating for all construction parts of the
products meets requirements for V-0 class material
according to IEC 60695-11-10.
The products should be installed in the end-use
equipment, in accordance with the requirements of the
ultimate application. Normally the output of the DC/DC
converter is considered as SELV (Safety Extra Low
Voltage) and the input source must be isolated by
minimum Double or Reinforced Insulation from the primary
circuit (AC mains) in accordance with IEC/EN/UL60950.
Isolated DC/DC converters
It is recommended that a slow blow fuse with a rating
twice the maximum input current per selected product be
used at the input of each DC/DC converter. If an input filter
is used in the circuit the fuse should be placed in front of
the input filter.
In the rare event of a component problem in the input filter
or in the DC/DC converter that imposes a short circuit on
the input source, this fuse will provide the following
functions:
Isolate the faulty DC/DC converter from the input
power source so as not to affect the operation of
other parts of the system.
Protect the distribution wiring from excessive
current and power loss thus preventing
hazardous overheating.
The galvanic isolation is verified in an electric strength test.
The test voltage (Viso) between input and output is
1500 Vdc or 2250 Vdc for 60 seconds (refer to product
specification).
Leakage current is less than 1 μA at nominal input voltage.
24 V DC systems
The input voltage to the DC/DC converter is SELV (Safety
Extra Low Voltage) and the output remains SELV under
normal and abnormal operating conditions.
48 and 60 V DC systems
If the input voltage to Ericsson Power Modules DC/DC
converter is 75 Vdc or less, then the output remains SELV
(Safety Extra Low Voltage) under normal and abnormal
operating conditions.
Single fault testing in the input power supply circuit should
be performed with the DC/DC converter connected to
demonstrate that the input voltage does not exceed
75 Vdc.
If the input power source circuit is a DC power system, the
source may be treated as a TNV2 circuit and testing has
demonstrated compliance with SELV limits and isolation
requirements equivalent to Basic Insulation in accordance
with IEC/EN/UL60950.
Non-isolated DC/DC regulators
The input voltage to the DC/DC regulator is SELV (Safety
Extra Low Voltage) and the output remains SELV under
normal and abnormal operating conditions.
E
PME 4000 series
POL regulator, Input 2.95-3.65 V, Output 6 A/15 W
EN/LZT 146 313 R1A February 2006
© Ericsson Power Modules AB
Technical Specification
E
PME 4000 series
POL regulator, Input 2.95-3.65 V, Output 6 A/15 W
EN/LZT 146 313 R1B Aug 2007
© Ericsson Power Modules AB
Technical Specification
3


Similar Part No. - PME4118TP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PME ADVANTECH-PME Datasheet
473Kb / 1P
   Various Selections Supporting PCI, PCI-X, PCIe x1/x4/x8/x16
16-Jul-2013
logo
Make-Ps
PME-0503SH30Z MAKE-PS-PME-0503SH30Z Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
PME-0503SZ MAKE-PS-PME-0503SZ Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
PME-0505SH30Z MAKE-PS-PME-0505SH30Z Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
PME-0505SZ MAKE-PS-PME-0505SZ Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
More results

Similar Description - PME4118TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6440 TI1-PT6440_14 Datasheet
203Kb / 10P
[Old version datasheet]   6A Output Current
logo
Microchip Technology
MIC24052 MICROCHIP-MIC24052 Datasheet
1Mb / 34P
   6A Output Current Capability
11/07/16
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
ATH006A0X LINEAGEPOWER-ATH006A0X Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATA006A0X-SR LINEAGEPOWER-ATA006A0X-SR Datasheet
796Kb / 21P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
NSR006A0X4Z LINEAGEPOWER-NSR006A0X4Z Datasheet
457Kb / 20P
   4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 6A output current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
   8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com