Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN2R8-80BS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PSMN2R8-80BS
Description  N-channel 80 V, 3 m standard level FET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN2R8-80BS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN2R8-80BS Datasheet HTML 6Page - NXP Semiconductors PSMN2R8-80BS Datasheet HTML 7Page - NXP Semiconductors PSMN2R8-80BS Datasheet HTML 8Page - NXP Semiconductors PSMN2R8-80BS Datasheet HTML 9Page - NXP Semiconductors PSMN2R8-80BS Datasheet HTML 10Page - NXP Semiconductors PSMN2R8-80BS Datasheet HTML 11Page - NXP Semiconductors PSMN2R8-80BS Datasheet HTML 12Page - NXP Semiconductors PSMN2R8-80BS Datasheet HTML 13Page - NXP Semiconductors PSMN2R8-80BS Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PSMN2R8-80BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 29 February 2012
10 of 14
NXP Semiconductors
PSMN2R8-80BS
N-channel 80 V, 3 m
Ω standard level FET in D2PAK
7.
Package outline
Fig 18. Package outline SOT404 (D2PAK)
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
A1
D1
D
max.
E
eLp
HD
Q
c
2.54
2.60
2.20
15.80
14.80
2.90
2.10
11
1.60
1.20
10.30
9.70
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
b
DIMENSIONS (mm are the original dimensions)
SOT404
0
2.5
5 mm
scale
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
e
e
E
b
D1
HD
D
Q
Lp
c
A1
A
13
2
mounting
base
05-02-11
06-03-16


Similar Part No. - PSMN2R8-80BS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN2R8-80BS ISC-PSMN2R8-80BS Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN2R8-80BS NEXPERIA-PSMN2R8-80BS Datasheet
979Kb / 14P
   N-channel 80 V, 3 mΩ standard level FET in D2PAK
Rev. 2 - 29 February 2012
logo
NXP Semiconductors
PSMN2R8-80BS PHILIPS-PSMN2R8-80BS_15 Datasheet
232Kb / 14P
   N-channel 80 V, 3 m廓 standard level FET in D2PAK
Rev. 2-29 February 2012
More results

Similar Description - PSMN2R8-80BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R8-80BS PHILIPS-PSMN2R8-80BS_15 Datasheet
232Kb / 14P
   N-channel 80 V, 3 m廓 standard level FET in D2PAK
Rev. 2-29 February 2012
logo
Nexperia B.V. All right...
PSMN2R8-80BS NEXPERIA-PSMN2R8-80BS Datasheet
979Kb / 14P
   N-channel 80 V, 3 mΩ standard level FET in D2PAK
Rev. 2 - 29 February 2012
logo
NXP Semiconductors
PSMN3R3-80BS PHILIPS-PSMN3R3-80BS_15 Datasheet
227Kb / 14P
   N-channel 80 V, 3.5 m standard level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN3R3-80BS PHILIPS-PSMN3R3-80BS Datasheet
227Kb / 14P
   N-channel 80 V, 3.5 m standard level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN017-80BS NXP-PSMN017-80BS Datasheet
210Kb / 14P
   N-channel 80 V 17 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
logo
Nexperia B.V. All right...
PSMN050-80BS NEXPERIA-PSMN050-80BS Datasheet
976Kb / 14P
   N-channel 80 V 46 m廓 standard level MOSFET in D2PAK
PSMN8R7-80BS NEXPERIA-PSMN8R7-80BS Datasheet
976Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN4R4-80BS PHILIPS-PSMN4R4-80BS_15 Datasheet
221Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN012-80BS PHILIPS-PSMN012-80BS_15 Datasheet
210Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
PSMN050-80BS PHILIPS-PSMN050-80BS_15 Datasheet
236Kb / 14P
   N-channel 80 V 46 m廓 standard level MOSFET in D2PAK
Rev. 1-2 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com