Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN022-30BL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN022-30BL
Description  N-channel 30 V 22.6 m logic level MOSFET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN022-30BL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN022-30BL Datasheet HTML 4Page - NXP Semiconductors PSMN022-30BL Datasheet HTML 5Page - NXP Semiconductors PSMN022-30BL Datasheet HTML 6Page - NXP Semiconductors PSMN022-30BL Datasheet HTML 7Page - NXP Semiconductors PSMN022-30BL Datasheet HTML 8Page - NXP Semiconductors PSMN022-30BL Datasheet HTML 9Page - NXP Semiconductors PSMN022-30BL Datasheet HTML 10Page - NXP Semiconductors PSMN022-30BL Datasheet HTML 11Page - NXP Semiconductors PSMN022-30BL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PSMN022-30BL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 21 March 2012
8 of 14
NXP Semiconductors
PSMN022-30BL
N-channel 30 V 22.6 m
Ω logic level MOSFET in D2PAK
Fig 11. Gate-source threshold voltage as a function of
junction temperature
Fig 12. Drain-source on-state resistance as a function
of drain current; typical values
Fig 13. Normalized drain-source on-state resistance
factor as a function of junction temperature
Fig 14. Gate charge waveform definitions
003a a c982
0
1
2
3
-60
0
60
120
180
Tj (
°C)
VGS(th)
(V)
max
typ
min
003a a d423
0
20
40
60
80
100
010
20
30
ID (A)
RDSon
(m
Ω)
3
10
3.5
VGS (V) = 4.5
03aa27
0
0.5
1
1.5
2
−60
0
60
120
180
Tj (
°C)
a
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)


Similar Part No. - PSMN022-30BL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PSMN022-30BL VBSEMI-PSMN022-30BL Datasheet
989Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PSMN022-30BL NEXPERIA-PSMN022-30BL Datasheet
974Kb / 14P
   N-channel 30 V 22.6 mΩ logic level MOSFET in D2PAK
Rev. 1 - 21 March 2012
logo
NXP Semiconductors
PSMN022-30BL PHILIPS-PSMN022-30BL_15 Datasheet
228Kb / 14P
   N-channel 30 V 22.6 m廓 logic level MOSFET in D2PAK
Rev. 1-21 March 2012
More results

Similar Description - PSMN022-30BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN022-30BL PHILIPS-PSMN022-30BL_15 Datasheet
228Kb / 14P
   N-channel 30 V 22.6 m廓 logic level MOSFET in D2PAK
Rev. 1-21 March 2012
logo
Nexperia B.V. All right...
PSMN022-30BL NEXPERIA-PSMN022-30BL Datasheet
974Kb / 14P
   N-channel 30 V 22.6 mΩ logic level MOSFET in D2PAK
Rev. 1 - 21 March 2012
logo
NXP Semiconductors
PSMN1R8-30BL PHILIPS-PSMN1R8-30BL Datasheet
215Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN2R7-30BL PHILIPS-PSMN2R7-30BL Datasheet
233Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
PSMN1R8-30BL PHILIPS-PSMN1R8-30BL_15 Datasheet
215Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN2R0-30BL PHILIPS-PSMN2R0-30BL_15 Datasheet
214Kb / 15P
   N-channel 30 V 2.1 m logic level MOSFET in D2PAK
Rev. 1-20 March 2012
PSMN2R7-30BL PHILIPS-PSMN2R7-30BL_15 Datasheet
233Kb / 15P
   N-channel 30 V 3.0 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL_15 Datasheet
219Kb / 15P
   N-channel 30 V 1.9 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN3R4-30BL PHILIPS-PSMN3R4-30BL_15 Datasheet
215Kb / 15P
   N-channel 30 V 3.3 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com