Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBC10C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RBC10C
Description  Absorbing impact and noise
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC10C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RBC10C Datasheet HTML 1Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 2Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 3Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 4Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 5Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 6Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 7Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 8Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1. Type of Impact
Type
of impact
Collision speed (1)
υ
Kinetic energy
E1
Thrust energy
E2
Absorbed energy
E
Corresponding (2)
mass of
impacting object
Me
Cylinder stroke
at load (Downward)
Cylinder stroke
at load (Upward)
Conveyor stroke
at load (Horizontal)
Free dropping
impact
m · g ·
μ · S
2gh
m · g · h
m · g · S
E1 + E2
Rotating impact
(With torque)
ω · R
E1 + E2
T · –
S
R
Collision speed
υ (m/s)
100
50
40
30
20
10
5
4
3
2
1
0.5
0.4
0.3
0.2
0.1
0.1
0.2
0.3 0.4 0.5
1
Collision speed
υ (m/s)
RB0604
RB
„0805 to 2725
1675
Note 1) Collision speed is momentary velocity at which object is impacting against shock absorber.
Note 2) An “Impact body equivalent mass” is the mass of an impact object without involving thrust, into which an object’s total
energy has been converted. Hence, E = —·Me·
υ2
Note 3) For the formula of moment of inertia
Ι (kg·m2), refer to the catalog of rotary actuator.
Data A
Kinetic Energy E1 or Energy Absorption E
— · m ·
υ2
1
2
—·E
υ2
υ
2
F1 · S + m · g · S
E1 + E2
1
2
— · m ·
υ2
—·E
υ2
υ
1
2
— · m ·
ω2
2
—·E
υ2
2
—·E
υ2
2
E1 + E2
— · m ·
υ2
1
2
—·E
υ2
υ
2
F1 · S + m · g · S
E1 + E2
Load
Load
Load
Load
Load
Cylinder
Cylinder
Symbol
d
E
E1
E2
F1
g
h
Ι
n
p
R
S
T
t
υ
m
Me
ω
μ
Specifications
Bore size
Absorbed energy
Kinetic energy
Thrust energy
Cylinder thrust
Acceleration of gravity (9.8)
Dropping height
Moment of inertia around
the center of gravity
Operating frequency
Cylinder operating pressure
Distance between axis of
cylinder and impact point
Shock absorber stroke
Torque
Ambient temperature
Collision speed
Impact object mass
Angle speed
Friction coefficient
Unit
mm
J
J
J
N
m / s2
m
kg · m2
cycle / min
MPa
m
m
N · m
°C
m / s
kg
kg
rad / s
1
2
(3)
Symbol
Corresponding mass of
impact object
Shock Absorber
Series
RB
RB
Individual
-X
„
D-
„
-X
„
P1673-P1718-E.qxd
08.11.17 4:02 PM
Page 1675


Similar Part No. - RBC10C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC1006 ETC2-RBC1006 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
RBC1007 ETC2-RBC1007 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
More results

Similar Description - RBC10C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
logo
T-Global Technology
TG-FAM TGLOBAL-TG-FAM Datasheet
864Kb / 4P
   Flexible Absorbing Material
20230721
logo
NXP Semiconductors
SAA7346 PHILIPS-SAA7346 Datasheet
113Kb / 24P
   Shock absorbing RAM addresser
July 1994
logo
JIEJIE MICROELECTRONICS...
CP1101SB JIEJIE-CP1101SB Datasheet
224Kb / 5P
   Excellent capability of absorbing transient surge
P0080BE JIEJIE-P0080BE Datasheet
223Kb / 5P
   Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
LP1301SB LEIDITECH-LP1301SB Datasheet
497Kb / 4P
   Excellent capability of absorbing transient surge
P4000SC LEIDITECH-P4000SC Datasheet
281Kb / 3P
   Excellent xapability of absorbing transient surge
logo
JIEJIE MICROELECTRONICS...
P0080SC JIEJIE-P0080SC Datasheet
240Kb / 5P
   Excellent capability of absorbing transient surge
P0300AMBS JIEJIE-P0300AMBS Datasheet
196Kb / 4P
   Excellent capability of absorbing transient surge
P0080SD JIEJIE-P0080SD Datasheet
235Kb / 5P
   Excellent capability of absorbing transient surge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com