Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U260SX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # U260SX
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U260SX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button U260SX Datasheet HTML 4Page - List of Unclassifed Manufacturers U260SX Datasheet HTML 5Page - List of Unclassifed Manufacturers U260SX Datasheet HTML 6Page - List of Unclassifed Manufacturers U260SX Datasheet HTML 7Page - List of Unclassifed Manufacturers U260SX Datasheet HTML 8Page - List of Unclassifed Manufacturers U260SX Datasheet HTML 9Page - List of Unclassifed Manufacturers U260SX Datasheet HTML 10Page - List of Unclassifed Manufacturers U260SX Datasheet HTML 11Page - List of Unclassifed Manufacturers U260SX Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
24
DYNAMIC GOOSENECK MIC WITH PUSH TO TALK SWITCH
www.specotech.com • 1-800-645-5516
Indoor/OutdoorSpeakers
Microphones& Accessories
• Momentary switch for priority paging,
& lock down switch for continuous use
• 6” gooseneck extension and 5’ cord
• Cannon 3 pin XLR male connector
• Unidirectional
• 16 1/4” gooseneck
• 500-Ohms low impedance
• Mounting base
MHL-5S
GOOSENECK ADJUSTABLE TABLETOP MIC
• Impedance: low-
600-Ohms high-50 kHz
• Sensitivity:
High-53dB +/- 3dB
Low 71 dB +/- 3 dB
MGS-1
PUSH TO TALK HANDHELD MIC
• Dual impedance: high 50K-Ohms, low 600-Ohms
• Impedance select switch
• With stand adapter, 1/4” phone plug,
15’ cable and attractive Tri-pod desk stand
MHL-1
UNIDIRECTIONAL DYNAMIC MICROPHONE
• 5 wire
• 500-Ohms impedance
• For CB & professional communications
• Push to talk
• Unbalanced (TS) plug
1/4” phono plug
DM-520P
DM-520


Similar Part No. - U260SX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U261-001-BT4 TRIPPLITE-U261-001-BT4 Datasheet
491Kb / 2P
   Mini Bluetooth 4.0 (Class 1) USB Adapter
U261-001-BT5 TRIPPLITE-U261-001-BT5 Datasheet
159Kb / 3P
   Mini Bluetooth 5.0 (Class 2) USB Adapter
U263-AC600 TRIPPLITE-U263-AC600 Datasheet
182Kb / 3P
   Dual-Band USB Wi-Fi Adapter - 2.4 GHz and 5 GHz
logo
List of Unclassifed Man...
U263B1 ETC1-U263B1 Datasheet
412Kb / 16P
   Triac Temperature Control for Industrial and Domestic Purposes
U263B2 ETC1-U263B2 Datasheet
412Kb / 16P
   Triac Temperature Control for Industrial and Domestic Purposes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com