Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DQS-40-200 Datasheet(PDF) 4 Page - SYNERGY MICROWAVE CORPORATION

Part # DQS-40-200
Description  90쨘 HYBRID frequency BANDWIDTH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DQS-40-200 Datasheet(HTML) 4 Page - SYNERGY MICROWAVE CORPORATION

  DQS-40-200 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DQS-40-200 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DQS-40-200 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION DQS-40-200 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
40 - 200 MHz
90º HYBRID
SURFACE MOUNT MODEL:
DQS-40-200
frequency BAnDWIDTH
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 4 of 4 ]
Data @ 25ºc
0
2
4
6
8
10
12
40
56
72
88
104
120
136
152
168
184
200
Frequency (MHz)


Similar Part No. - DQS-40-200

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DQS-40-400 SYNERGY-DQS-40-400 Datasheet
453Kb / 4P
   90쨘 HYBRID frequency BANDWIDTH
More results

Similar Description - DQS-40-200

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DQS-40-400 SYNERGY-DQS-40-400 Datasheet
453Kb / 4P
   90쨘 HYBRID frequency BANDWIDTH
DQP-40-400 SYNERGY-DQP-40-400 Datasheet
446Kb / 4P
   90쨘 HYBRID frequency BANDWIDTH
DQS-15-150 SYNERGY-DQS-15-150 Datasheet
269Kb / 4P
   90쨘 HYBRID WIDE BANDWIDTH
DQS-108-400 SYNERGY-DQS-108-400 Datasheet
357Kb / 4P
   90쨘 HYBRID WIDE BANDWIDTH
DQS-20-310 SYNERGY-DQS-20-310 Datasheet
358Kb / 4P
   90쨘 HYBRID WIDE BANDWIDTH
DQK-100-1000S SYNERGY-DQK-100-1000S Datasheet
390Kb / 4P
   90쨘 HYBRID Ultra-Wide Bandwidth
DQS-3-32 SYNERGY-DQS-3-32 Datasheet
753Kb / 4P
   90쨘 HYBRID 10:1 BANDWIDTH
DQP-15-150 SYNERGY-DQP-15-150 Datasheet
266Kb / 4P
   90쨘 HYBRID Ultar-Wide Bandwidth
SLQ-67 SYNERGY-SLQ-67 Datasheet
105Kb / 2P
   90쨘 HYBRID 10% BANDWIDTH Fc=450 MHz
SMQ-C68 SYNERGY-SMQ-C68 Datasheet
352Kb / 4P
   90쨘 HYBRID
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com