Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MST-1 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MST-1
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MST-1 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MST-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 13Page - List of Unclassifed Manufacturers MST-1 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
26
3 POSITION STEREO SELECTOR SWITCH
70V SPEAKER LINE TRANSFORMER
5W LINE TRANSFORMER WITH COLOR CODED LEADS
www.specotech.com • 1-800-645-5516
Indoor/OutdoorSpeakers
Transformers&Accessories
T-7025/5
• Multiple wattage taps-20W, 15W, 10W & 5W
• EZ mount peel - stick & connect to existing 8 Ohms speakers
• Sold individually
T-20
TLT-1
• Three position allows you to put
3 stereo sources in 1 stereo input
• Sold individually
SSS-1
• HI-FI applications
• 70V, 20W
• Sold individually
Taps 20, 15,10,5
T-7020
TSM-30
• Combines left & right stereo inputs to provide a single output for applications
calling for one speaker
• Peel, stick & connect for easy installation • 30W RMS
• Input matching transformer to connect telephone systems to aux. input of Public Address amplifiers for telephone paging
• Also allows you to put a “Music on Hold System” to your telephone system when connected to
the 25 volt line output of a PA amplifier/tuner/tape
• Impedance Ohms: 500/600 (line) • Sold individually
70V - 20W LINE TRANSFORMER
STEREO MONO MIXER
25 & 70 VOLT TRANSFORMERS
TELEPHONE LINE INPUT MATCHING TRANSFORMER
25 V Line
T-2510 70 V Line T-7010
• Dual 5W multiple tap 5, 2 1/2, 1, 1/2, 1/4
• Sold individually
• Taps .25, .50, 1.0, 2.5, 5.0
• Sold individually


Similar Part No. - MST-1

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MST-G ADAM-TECH-MST-G Datasheet
88Kb / 1P
   MINI SHUNT OPEN TOP HEIGHT
MST-T ADAM-TECH-MST-T Datasheet
62Kb / 1P
   909 Rahway Avenue
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com