Electronic Components Datasheet Search |
|
T-2510 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
T-2510 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 16 page 19 SP-CT8/T 8” 70/25V Ceiling Tile Speaker • 8” Polypropylene woofer with rubber surround • 3/4” Mylar dome tweeter • Frequency response: 50Hz-20kHz • 30 Watts RMS/ 60 Watts Max • Sensitivity: 90 +/- 3 dB • 8 ohms www.specotech.com • 1-800-645-5516 70/25V Ceiling Tile Speaker Speco Technologies’ new ceiling tile speaker is the perfect solution for commercial sound applications that require speed of installation, aesthetics and superior sound performance. With the SP-CT8/T, installation is quick and easy requiring only the connecting of speaker wire to the unit’s pushbutton terminals. Countless time and money is saved by the efficient installation-friendly design of this speaker. We’ve eliminated the labor-intensive task of cutting mounting holes in ceiling tiles usually required for standard speaker installation. The speaker’s smooth vent facade design blends seamlessly with any commercial drop-ceiling environment and provides an ample gateway for wide sound dispersion. The visual design is matched by the high performance of the SP-CT8/T’s flat frequency curve and wide response range. Made of durable components and furnished complete with a support crossbar rail, the SP-8CT/T will provide years of superior sound performance. 70/25VMiniEnclosedIndoor/OutdoorSpeakers • 70/25 Volt selector switch • Transformer Settings 20, 10, 5, 2.5, 1.25 and 8 ohms • 23 3/4” W x 23 3/4” H x 6” D • 7.1 lbs. • 2’ Drop-ceiling crossbar rail included Speco Technologies’ SP-35X indoor and outdoor speakers are the perfect solution for where sound quality is demanded but space is limited. The SP-35X’s compact and stylish design adds to the décor of any environment, while their weatherproof design allows rich music to fill your environment indoors or out. Whether using these speakers in a surround sound theater or an outdoor application, the SP-35X speakers will provide enjoyment for years to come. • 3.5” Mica Woofer with Rubber Surround • .5” PEI Dome Tweeter • Frequency Response: 90Hz-20kHz • 30 Watts RMS/75 Watts Max SP-35X/T Black SP-35X/T-W White • 70 Volt Transformer • Transformer Settings: 10W/ 5W/ 2.5W & 8 ohms • Impedance: 8 ohms • 5”W x 7.5”H x 6.5”D • 3 lbs. each • Sold in Pairs SP-CT8/T |
Similar Part No. - T-2510 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |