Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBED8160 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBED8160
Description  5mm IR Lamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBED8160 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBED8160 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBED8160 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBED8160 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBED8160 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBED8160 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBED8160 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBED8160 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
QBED8160
5mm IR Lamp
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBED8160
Date: March 27, 2014
Page 4 of 7
Version# 1.0
Electrical / Optical Characteristic (Ta=25
oC)
Parameter
Symbol
Test Condition
Output
Units
Min.
Typ.
Max.
Forward Voltage
VF
IF=50mA
-
1.35
1.50
V
Pulse Forward Voltage
VFP
IFP=400mA, tp=20ms
-
-
2.40
Reverse Current
IR
VR=5V
-
-
10
µA
Radiant Intensity
IE
IF=50mA
10
18
-
mW/sr
IF=100mA, t=20ms
20
35
-
Peak Radiation Wavelength
λ
P
IF=50mA
-
940
-
nm
Half Spectrum Width
∆λ
IF=50mA
-
50
-
nm
Viewing Angle
2
Ө
1/2
IF=50mA
-
60
-
deg
Switch Time
tr/tf
IFP=100mA ,f=1KHz,
tp/T=1%
-
1/1
-
µs
Absolute Maximum Rating
Parameter
Symbol
Rating
Units
Continuous Forward Current
IF
100
mA
Peak Forward Current
IFP
800
mA
Reverse Voltage
VR
5
V
Power Dissipation at (or below) 25
oC Free Air Temperature
Pd
120
mW
Operating Temperature
Topr
-25 ~ +85
oC
Storage Temperature
Tstg
-40 ~ +100
oC


Similar Part No. - QBED8160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBED8160 ETC1-QBED8160 Datasheet
505Kb / 7P
   5mm IR Lamp LED
More results

Similar Description - QBED8160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBED8340 ETC2-QBED8340 Datasheet
509Kb / 7P
   5mm IR Lamp
QBED8120 ETC1-QBED8120 Datasheet
501Kb / 7P
   5mm IR Lamp
QBED8160 ETC1-QBED8160 Datasheet
505Kb / 7P
   5mm IR Lamp LED
QBED8340 ETC1-QBED8340 Datasheet
506Kb / 7P
   5mm IR Lamp LED
QBED8240 ETC1-QBED8240 Datasheet
620Kb / 7P
   5mm IR emitter
QBED8220A ETC2-QBED8220A Datasheet
406Kb / 7P
   5mm IR emitter
QBED8220 ETC2-QBED8220 Datasheet
406Kb / 7P
   5mm IR emitter
QBED8240 ETC2-QBED8240 Datasheet
620Kb / 7P
   5mm IR emitter
QBED8330 ETC2-QBED8330 Datasheet
562Kb / 8P
   5mm IR emitter
QBED9330 ETC2-QBED9330 Datasheet
508Kb / 7P
   5mm IR emitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com