Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V20E510P Datasheet(PDF) 4 Page - Littelfuse

Part # V20E510P
Description  Radial Lead Varistors UltraMOVTM Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V20E510P Datasheet(HTML) 4 Page - Littelfuse

  V20E510P Datasheet HTML 1Page - Littelfuse V20E510P Datasheet HTML 2Page - Littelfuse V20E510P Datasheet HTML 3Page - Littelfuse V20E510P Datasheet HTML 4Page - Littelfuse V20E510P Datasheet HTML 5Page - Littelfuse V20E510P Datasheet HTML 6Page - Littelfuse V20E510P Datasheet HTML 7Page - Littelfuse V20E510P Datasheet HTML 8Page - Littelfuse V20E510P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
UltraMOV™ Varistor Series
Radial Lead Varistors > UltraMOVTM Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
MODEL SIZE = 7MM
TA = -55
oC TO 85oC
130 to 460V M(AC) RATING
MAXIMUM
LEAKAGE
MAXIMUM CLAMP
VOLTAGE
420
440
460
385
230
250
275
300
320
175
150
140
130
10000
1000
100
10-6
10-5
10-4
0.001
0.01
0.1
1
10
100
1000
10000
PEAK CURRENT (A)
Maximum Clamping Voltage for 7mm Parts
V7E130(P)-V7E460(P)
Transient V-I Characteristics Curves
Maximum Clamping Voltage for 10mm Parts
V10E130(P)-V10E625(P)
10000
1000
100
10-6
10-5
10-4
0.001
0.01
0.1
1
10
100
1000
10000
PEAK CURRENT (A)
10000
1000
100
10-6
10-5
10-4
0.001
0.01
0.1
1
10
100
1000
10000
PEAK CURRENT (A)
MODEL SIZE = 10MM
TA = -55
oC TO 85oC
130 to 625VM(AC) RATING
MAXIMUM
LEAKAGE
MAXIMUM CLAMP
VOLTAGE
625
460
440
385
230
250
275
300
320
175
150
140
130
420
550
510
10000
1000
100
10-6
10-5
10-4
0.001
0.01
0.1
1
10
100
1000
10000
PEAK CURRENT (A)
MODEL SIZE = 14MM
TA = -55
oC TO 85oC
130 to 625VM(AC) RATING
MAXIMUM
LEAKAGE
MAXIMUM CLAMP
VOLTAGE
625
460
440
385
230
250
275
300
320
175
150
140
130
420
550
510
Maximum Clamping Voltage for 14mm Parts
V14E130(P) - V14E625(P)
Figure 3
Figure 4
Figure 5


Similar Part No. - V20E510P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V20E510P LITTELFUSE-V20E510P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V20E510P LITTELFUSE-V20E510P Datasheet
784Kb / 11P
   Radial Lead Varistors
V20E510P LITTELFUSE-V20E510P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V20E510P LITTELFUSE-V20E510P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V20E510P LITTELFUSE-V20E510P Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V20E510P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V20E625L3T7 LITTELFUSE-V20E625L3T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com