Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP677-Y Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QBLP677-Y
Description  PLCC4 Yellow LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBLP677-Y Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QBLP677-Y Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP677-Y Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP677-Y Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP677-Y Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP677-Y Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP677-Y Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP677-Y Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP677-Y Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP677-Y Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
QBLP677-Y
PLCC4 Yellow LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP677-Y
Date: March 28, 2014
Page 3 of 9
Version# 1.0
Introduction
Feature:
 Water Clear lens
 Ultra bright PLCC4 Yellow LED
 Straight line chip mount technology
 AlInGaP technology for Yellow
 120 degree viewing angle
Description:
This PLCC4 Yellow LEDs have a height profile of
1.90mm. Combination of high brightness output and
robust package, this LED is ideal for architecture
lighting, status indication, and color mixing
applications.
Application:
 Status indication
 Industrial equipment backlighting
 Architecture lighting
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.1mm


Similar Part No. - QBLP677-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP677-Y ETC1-QBLP677-Y Datasheet
520Kb / 9P
   PLCC4 Yellow LED
More results

Similar Description - QBLP677-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP677-Y ETC1-QBLP677-Y Datasheet
520Kb / 9P
   PLCC4 Yellow LED
logo
Seoul Semiconductor
SYT802-SC SEOUL-SYT802-SC Datasheet
888Kb / 24P
   PLCC4 Yellow Color
logo
List of Unclassifed Man...
QBLP677-RGB2 ETC-QBLP677-RGB2 Datasheet
376Kb / 8P
   PLCC4 RGB LED
logo
Marktech Corporate
CLA2A MARKTECH-CLA2A Datasheet
720Kb / 10P
   PLCC4 SMD LED
logo
List of Unclassifed Man...
QBLP677-RGB ETC1-QBLP677-RGB Datasheet
585Kb / 10P
   PLCC4 RGB LED
logo
Marktech Corporate
CLA2A MARKTECH-CLA2A_15 Datasheet
720Kb / 10P
   PLCC4 SMD LED
logo
Cree, Inc
CLA2A-WKW CREE-CLA2A-WKW Datasheet
649Kb / 10P
   PLCC4 SMD LED
logo
Bivar, Inc.
SMTL4-BC-RY BIVAR-SMTL4-BC-RY Datasheet
802Kb / 5P
   PLCC4 SMD Top View Package LED SMTL4-BC-RY, RED/YELLOW
Revision A 02/16
logo
Cree, Inc
CLA1BWKWMKW CREE-CLA1BWKWMKW Datasheet
723Kb / 14P
   PLCC4 SMD LED
logo
List of Unclassifed Man...
QBLP677-RGB3 ETC2-QBLP677-RGB3 Datasheet
368Kb / 8P
   PLCC4 RGB LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com