Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP679-IBK Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBLP679-IBK
Description  PLCC6 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBLP679-IBK Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBLP679-IBK Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP679-IBK Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP679-IBK Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP679-IBK Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP679-IBK Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP679-IBK Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP679-IBK Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP679-IBK Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP679-IBK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
QBLP679-XXK_series
PLCC6 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP679-XXK_series
Date: March 27, 2014
Page 5 of 12
Version# 2.0
Luminous Intensity IV for Blue @ IF=60mA
Bin
Min.
Max.
14
780
1000
15
1000
1300
Luminous Intensity IV for True Green @ IF=60mA
Bin
Min.
Max.
20
3600
4600
21
4600
6000
Luminous Intensity IV for Red @ IF=60mA
Bin
Min.
Max.
11
350
460
12
460
600
13
600
780
14
780
1000
15
1000
1300
Luminous Intensity IV for Yellow @ IF=60mA
Bin
Min.
Max.
U
1250
1600
V
1600
2000
W
2000
2500
Luminous Intensity IV for Orange @ IF=60mA
Bin
Min.
Max.
11
350
460
12
460
600
13
600
780
14
780
1000
15
1000
1300
Luminous Intensity IV for Deep Red @ IF=60mA
Bin
Min.
Max.
K
125
160
L
160
200
M
200
250
N
250
320
O
320
400


Similar Part No. - QBLP679-IBK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP679-IBK ETC1-QBLP679-IBK Datasheet
568Kb / 12P
   PLCC6 LED
More results

Similar Description - QBLP679-IBK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP679E-IBK ETC2-QBLP679E-IBK Datasheet
479Kb / 10P
   PLCC6 LED
QBLP679E-IBK ETC1-QBLP679E-IBK Datasheet
479Kb / 10P
   PLCC6 LED
QBLP679-RK ETC2-QBLP679-RK Datasheet
469Kb / 9P
   PLCC6 LED
QBLP679-RK ETC1-QBLP679-RK Datasheet
469Kb / 9P
   PLCC6 LED
QBLP679-IBK ETC1-QBLP679-IBK Datasheet
568Kb / 12P
   PLCC6 LED
QBLP679E-RGB ETC2-QBLP679E-RGB Datasheet
510Kb / 10P
   PLCC6 RGB LED
logo
P-tec Corporation
PLC3535-WDRGB1 P-TEC-PLC3535-WDRGB1 Datasheet
464Kb / 5P
   PLCC6 SMD LED
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW_15 Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
List of Unclassifed Man...
QBLP679-IW ETC2-QBLP679-IW Datasheet
423Kb / 8P
   PLCC6 White LED
QBLP679-RGB5 ETC1-QBLP679-RGB5 Datasheet
720Kb / 10P
   PLCC6 RGB LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com