Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP679-YK Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBLP679-YK
Description  PLCC6 LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QBLP679-YK Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QBLP679-YK Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP679-YK Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP679-YK Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP679-YK Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP679-YK Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP679-YK Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP679-YK Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP679-YK Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP679-YK Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
QBLP679-XXK_series
PLCC6 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP679-XXK_series
Date: March 27, 2014
Page 6 of 12
Version# 2.0
Dominant Wavelength λ
D for Blue @ IF=60mA
Bin
Min.
Max.
Unit
D
462.5
467.5
nm
E
467.5
472.5
Dominant Wavelength λ
D for True Green @ IF=60mA
Bin
Min.
Max.
Unit
G
520
525
nm
H
525
530
I
530
535
Dominant Wavelength λ
D for Red @ IF=60mA
Bin
Min.
Max.
Unit
C
620
625
nm
D
625
630
Dominant Wavelength λ
D for Yellow @ IF=60mA
Bin
Min.
Max.
Unit
m
585
590
nm
n
590
595
Dominant Wavelength λ
D for Orange @ IF=60mA
Bin
Min.
Max.
Unit
p
600
605
nm
q
605
610
Dominant Wavelength λ
D for Deep Red @ IF=60mA
Bin
Min.
Max.
Unit
v
630
635
nm
w
635
650
Note:
Tolerance of measurement of forward voltage: ±0.05V
Tolerance of measurement of luminous intensity: ±15%
Tolerance of measurement of dominant wavelength: ±1nm


Similar Part No. - QBLP679-YK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP679-YK ETC1-QBLP679-YK Datasheet
568Kb / 12P
   PLCC6 LED
More results

Similar Description - QBLP679-YK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP679E-IBK ETC2-QBLP679E-IBK Datasheet
479Kb / 10P
   PLCC6 LED
QBLP679E-IBK ETC1-QBLP679E-IBK Datasheet
479Kb / 10P
   PLCC6 LED
QBLP679-RK ETC2-QBLP679-RK Datasheet
469Kb / 9P
   PLCC6 LED
QBLP679-RK ETC1-QBLP679-RK Datasheet
469Kb / 9P
   PLCC6 LED
QBLP679-IBK ETC1-QBLP679-IBK Datasheet
568Kb / 12P
   PLCC6 LED
QBLP679E-RGB ETC2-QBLP679E-RGB Datasheet
510Kb / 10P
   PLCC6 RGB LED
logo
P-tec Corporation
PLC3535-WDRGB1 P-TEC-PLC3535-WDRGB1 Datasheet
464Kb / 5P
   PLCC6 SMD LED
logo
Marktech Corporate
CLP6S-WKW MARKTECH-CLP6S-WKW_15 Datasheet
600Kb / 10P
   PLCC6 SMD LED
logo
List of Unclassifed Man...
QBLP679-IW ETC2-QBLP679-IW Datasheet
423Kb / 8P
   PLCC6 White LED
QBLP679-RGB5 ETC1-QBLP679-RGB5 Datasheet
720Kb / 10P
   PLCC6 RGB LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com